Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-V340 Datasheet(PDF) 1 Page - Epson Company

Part # M-V340
Description  IMU (Inertial Measurement Unit)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

M-V340 Datasheet(HTML) 1 Page - Epson Company

  M-V340 Datasheet HTML 1Page - Epson Company M-V340 Datasheet HTML 2Page - Epson Company M-V340 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M-V340-xx
1
IMU (Inertial Measurement Unit)
GENERAL DESCRIPTION
The M-V340-xx is a small form factor inertial measurement unit (IMU) with 6 degrees of freedom: triaxial angular rates and
linear accelerations, and provides high-stability and high-precision measurement capabilities with the use of high-precision
compensation technology. A variety of calibration parameters are stored in a memory of the IMU, and are automatically
reflected in the measurement data being sent to the application after the power of the IMU is turned on. With a
general-purpose SPI/UART supported for host communication, the M-V340-xx reduces technical barriers for users to
introduce inertial measurement and minimizes design resources to implement inertial movement analysis and control
applications.
The features of the IMU such as high stability, high precision, and small size make it easy to create and differentiate
applications in various fields of industrial systems.
FEATURES
Small Size, Lightweight
: 10x12x4mm, 1 grams
Low-Noise, High-stability
Gyro Bias Instability
: 7 deg/hr
Angular Random Walk
: 0.2 deg/ hr
Initial Bias Error
:
±0.5 deg/s (1σ)
6 Degrees Of Freedom
Triple Gyroscopes
:
±450 deg/s,
Tri-Axis Accelerometer
:
±6 G
16bit data resolution
Digital Serial Interface
: SPI / UART
Calibrated Stability (Bias, Scale Factor, Axial alignment)
Data output rate
: to 1k Sps
Calibration temperature range
:
−20
°C to +70°C
Operating temperature range
:
−40
°C to +85°C
Single Voltage Supply
: 3.3 V
Low Power Consumption
: 18mA (Typ.)
APPLICATIONS
Unmanned systems
Motion analysis and control
Navigation systems
Vibration control and stabilization
Pointing and tracking systems
FUNCTIONAL BLOCK DIAGRAM
Temp.
Sensor
Triple
Gyroscope
Tri-axis
Accelerometer
GPIO
SDI
SDO
SCLK
/SS
SIN
SOUT
DRDY
(GPIO1)
GND
GPIO2
SPI
UART
/RST
Signal
Processing
Calibration
Digital
Processing
Self test
VCC


Similar Description - M-V340

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
INERTIAL MEASUREMENT UNIT (IMU)
logo
Epson Company
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
IMU (Inertial Measurement Unit)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
BMI261 BOSCH-BMI261 Datasheet
291Kb / 2P
Smart Inertial Measurement Unit (IMU) for Android??OS
BMI270 BOSCH-BMI270 Datasheet
198Kb / 2P
Smart ultra-low power Inertial Measurement Unit (IMU)
BMI263 BOSCH-BMI263 Datasheet
255Kb / 2P
Smart, MIPI I3CSM I/F Inertial Measurement Unit (IMU)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com