Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-V340 Datasheet(PDF) 2 Page - Epson Company

Part # M-V340
Description  IMU (Inertial Measurement Unit)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

M-V340 Datasheet(HTML) 2 Page - Epson Company

  M-V340 Datasheet HTML 1Page - Epson Company M-V340 Datasheet HTML 2Page - Epson Company M-V340 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SENSOR SECTION SPECIFICATION
TA=25°C, VCC=3.3V, angular rate=0 deg/s, ≤±1G, unless otherwise noted.
Parameter
Test Conditions /
Comments
Min.
Typ.
Max.
Unit
GYRO SENSOR
Sensitivity
Dynamic Range
-
±450
-
-
deg/s
Sensitivity
-
0.015
(deg/s)/LSB
Temperature Coefficient
1
σ, −20°C ≤ T
A ≤ +70°C
-
10
-
ppm/°C
Nonlinearity
Best fit straight line <±350dps
-
0.1
-
% of FS
>±350dps
-
0.5
-
% of FS
Misalignment
1
σ, Axis-to-axis, Δ = 90° ideal
-
±0.1
-
deg
Bias
Initial Error
1
σ
-
±0.5
-
deg/s
Temperature Coefficient
(Linear approximation)
1
σ, −20°C ≤ T
A ≤ +70°C
0.001
(deg/s )/°C
In-Run Bias Stability
1
σ
-
7
-
deg/hr
Angular Random Walk
1
σ
-
0.2
-
deg/ hr
Linear Acceleration Effect
<0.01
(deg/s)/G
Noise
Noise Density
1
σ, f = 10 to 20 Hz, no filtering
-
0.004
-
(deg/s)/ Hz , rms
Frequency Property
3 dB Bandwidth
-
-
180
-
Hz
ACCELEROMETERS
Sensitivity
Dynamic Range
-
±6
-
-
G
Sensitivity
-
0.18
mG/LSB
Temperature Coefficient
1
σ, −20°C ≤ T
A ≤ +70°C
-
100
-
ppm/°C
Nonlinearity
≤ 1G , Best fit straight line
-
TBD
-
% of FS
Misalignment
1
σ, Axis-to-axis, Δ = 90° ideal
-
TBD
-
deg
Bias
Initial Error
1
σ
-
±8
-
mG
Temperature Coefficient
(Linear approximation)
1
σ, −20°C ≤ T
A ≤ +70°C
0.02
mG/°C
In-Run Bias Stability
1
σ
-
<0.1
-
mG
Velocity Random Walk
1
σ
-
<0.1
-
(m/sec)/ hr
Noise
Noise Density
1
σ, f = 10 to 20 Hz, no filtering
-
TBD
-
mG/ Hz , rms
Frequency Property
3 dB Bandwidth
-
-
180
-
Hz
TEMPERATURE SENSOR
Scale Factor
*1
Output = 1469
@ +25°C
-
-0.0053964
-
°C/LSB
*1) This is a reference value used for internal temperature compensation. We provide no guarantee that the value gives an
absolute value of the internal temperature.
Note) The values in the specifications are based on the data calibrated at the factory. The values may change according to
the way the product is used.
Note) The Typ values in the specifications are average values or 1
σ values.
Note) Unless otherwise noted, the Max / Min values in the specifications are design values or Max / Min values at the factory
tests.


Similar Description - M-V340

ManufacturerPart #DatasheetDescription
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
IMU (Inertial Measurement Unit)
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
BMI261 BOSCH-BMI261 Datasheet
291Kb / 2P
Smart Inertial Measurement Unit (IMU) for Android??OS
BMI263 BOSCH-BMI263 Datasheet
255Kb / 2P
Smart, MIPI I3CSM I/F Inertial Measurement Unit (IMU)
BMI270 BOSCH-BMI270 Datasheet
198Kb / 2P
Smart ultra-low power Inertial Measurement Unit (IMU)
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
INERTIAL MEASUREMENT UNIT (IMU)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
IMU (Inertial Measurement Unit)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com