Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX570 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX570
Description  CAT IV Industrial MultiMeter IR Thermometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX570 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX570_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2008-2012 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
1/16/12 - R1
Built-in InfraRed Thermometer
Quickly identify overheating motors or locate hot spots on
electrical panels and HVAC vents without contact
Specifications
Display Counts
40,000 count
Basic Accuracy
0.06%
DC/AC Voltage
0.01mV to 1000V
DC/AC Current
0.01µA to 20A
Resistance
0.01Ω to 40MΩ
Capacitance
0.001nF to 10,000µF
Frequency
0.0001Hz to 40MHz
Temperature (Type K)
-50 to 1382°F (-45 to 750°C)
IR Temperature
-22 to 1022°F (-30 to 550°C)
Field of View
30:1 ratio
Duty Cycle
0.01 to 99.99%
Diode (2.8V)/Continuity
Yes
ETL/CE approved
Yes
Warranty
3 years
Dimensions
7.25x3.25x2.25" (184x83x57mm)
Weight
12.3oz (349g)
Features:
Patented built-in non-contact IR Thermometer design with
laser pointer for locating hot spots
True RMS CAT III-1000V, CAT IV-600V rated with
0.06% basic DCV accuracy
Diode open circuit voltage of 2.8V DC
Heavy duty Double molded, water resistant package
Large backlit 40,000 count LCD with 40-segment bargraph
Memory for storage and recall of three measurements
1000V input protection on all functions
Type K thermocouple contact temperature measurements
Features include HOLD, RELATIVE and PEAK HOLD
Min, Max and Average recording
Auto power off with disable feature
Capacitance, Frequency, Diode and Continuity functions
Complete with double molded test leads, magnetic hanging
strap, general purpose Type K bead wire temperature probe,
case, and 9V battery
Ordering Information
EX570 ....................CAT IV Industrial MultiMeter + IR Thermometer
EX570-NISTL*........CAT IV Industrial MultiMeter + IR Thermometer w/NIST
*NISTL-Limited NIST for Certificate of Traceability to all functions except IR Thermometer
Accessories
TL810 ................Electrical Test Lead Kit
Patented
CAT IV Industrial MultiMeter + IR Thermometer
A. Built-in IR Thermometer quickly identifies hot
spots on electrical panels.
B. Measuring the internal temperature on a 3-phase
transformer installation
C. CAT IV application measuring voltage on a 480V
3-phase transformer
A
B
C


Similar Part No. - EX570_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX570 EXTECH-EX570 Datasheet
551Kb / 18P
   True RMS Multimeter with IR Thermometer
More results

Similar Description - EX570_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX845 EXTECH-EX845 Datasheet
499Kb / 1P
   CAT IV 1000A Clamp Meter IR Thermometer
EX840 EXTECH-EX840 Datasheet
374Kb / 1P
   CAT IV 1000A Clamp Meter IR Thermometer
DM220 EXTECH-DM220_15 Datasheet
353Kb / 1P
   CAT IV Pocket MultiMeter
EX210 EXTECH-EX210 Datasheet
383Kb / 1P
   Mini Digital MultiMeter IR Thermometer
EX570 EXTECH-EX570 Datasheet
551Kb / 18P
   True RMS Multimeter with IR Thermometer
MG300 EXTECH-MG300 Datasheet
424Kb / 1P
   CAT IV Insulation Tester/MultiMeter with Wireless PC Interface
MG302 EXTECH-MG302 Datasheet
424Kb / 1P
   CAT IV Insulation Tester/MultiMeter with Wireless PC Interface
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
   IR Thermometer
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
42542 EXTECH-42542 Datasheet
821Kb / 1P
   High Temperature IR Thermometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com