Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM220 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # DM220
Description  CAT IV Pocket MultiMeter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

DM220 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  DM220_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
DM220 ..........Mini Pocket MultiMeter
409992 ..........Vinyl pouch case
Specifications subject to change without notice.
Copyright © 2007-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/15/11 - R3
Autoranging DMM with Non-Contact Voltage Detector and Built-in Flashlight
Includes Diode Test and Continiuity Beeper Functions
CAT IV Pocket MultiMeter
Features:
Large high contrast 4000 count LCD display
Non-Contact Voltage detection identifies live circuits
Built-in Flashlight
11 functions including Frequency,
Capacitance, and Duty Cycle
Built-in storage clips for integrated test leads
Double molded housing provides extra protection
Over-range and low battery indication
Complete with test leads and two AAA batteries
Applications:
Electrical repair
Appliance repair
Home wiring projects
Testing electrical systems on cars and boats
Hobby projects
Built-in Non-Contact Voltage
Detector. Red LED bar lights
when live wire detected.
Specifications
Range
Max. Resolution
Basic Accuracy (%rdg+digits)
NC Voltage
100 to 600VAC
DC Voltage
600V
0.1mV
±0.8%
AC Voltage
600V
1mV
±1.0%
Resistance
40MΩ
0.1Ω
±0.8%
DC Current
200mA
0.1µA
±2.0%
AC Current
200mA
0.1µA
±2.5%
Frequency
10kHz
0.001Hz
±1.0%
Capacitance
200µF
0.001nF
±3.0%
Duty Cycle
Yes
Diode Test
Yes
Continuity Test
Yes
Dimensions
4.72 x 2.2 x 01.6" (120 x 55 x 40mm)
Weight
5.12oz (145g)


Similar Part No. - DM220_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DM2200-434VM RFM-DM2200-434VM Datasheet
507Kb / 6P
RFM VersaMESHTM Versatile Mesh Network Protocol
DM2200-916VM RFM-DM2200-916VM Datasheet
347Kb / 6P
RFM VersaMESHTM Versatile Mesh Network Protocol
DM2200-916VM-1 RFM-DM2200-916VM-1 Datasheet
347Kb / 6P
Up to 600 meters Module to Module range
More results

Similar Description - DM220_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX570 EXTECH-EX570_15 Datasheet
494Kb / 1P
CAT IV Industrial MultiMeter IR Thermometer
MG300 EXTECH-MG300 Datasheet
424Kb / 1P
CAT IV Insulation Tester/MultiMeter with Wireless PC Interface
MG302 EXTECH-MG302 Datasheet
424Kb / 1P
CAT IV Insulation Tester/MultiMeter with Wireless PC Interface
DM110 EXTECH-DM110_15 Datasheet
250Kb / 1P
Mini Pocket MultiMeter
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
logo
List of Unclassifed Man...
HSPL8568 ETC-HSPL8568 Datasheet
576Kb / 1P
Ø 4 mm-Sicherheits-Programm CAT IV , Ø 4 mm Safety Programme CAT IV
logo
Extech Instruments Corp...
DV25 EXTECH-DV25_15 Datasheet
194Kb / 1P
CAT IV AC Voltage Detector Flashlight
TL900 EXTECH-TL900 Datasheet
310Kb / 1P
SafeSense CAT IV Fused Test Leads
EX840 EXTECH-EX840 Datasheet
374Kb / 1P
CAT IV 1000A Clamp Meter IR Thermometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com