Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8117 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8117
Description  Analog Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8117 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8117_15 Datasheet HTML 6Page - Analog Devices AD8117_15 Datasheet HTML 7Page - Analog Devices AD8117_15 Datasheet HTML 8Page - Analog Devices AD8117_15 Datasheet HTML 9Page - Analog Devices AD8117_15 Datasheet HTML 10Page - Analog Devices AD8117_15 Datasheet HTML 11Page - Analog Devices AD8117_15 Datasheet HTML 12Page - Analog Devices AD8117_15 Datasheet HTML 13Page - Analog Devices AD8117_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD8117/AD8118
Rev. A | Page 10 of 36
Ball No.
Mnemonic
Description
B6
OP30
Output Number 30, Positive Phase.
B7
ON28
Output Number 28, Negative Phase.
B8
OP28
Output Number 28, Positive Phase.
B9
ON26
Output Number 26, Negative Phase.
B10
OP26
Output Number 26, Positive Phase.
B11
ON24
Output Number 24, Negative Phase.
B12
OP24
Output Number 24, Positive Phase.
B13
ON22
Output Number 22, Negative Phase.
B14
OP22
Output Number 22, Positive Phase.
B15
ON20
Output Number 20, Negative Phase.
B16
OP20
Output Number 20, Positive Phase.
B17
ON18
Output Number 18, Negative Phase.
B18
OP18
Output Number 18, Positive Phase.
B19
ON16
Output Number 16, Negative Phase.
B20
OP16
Output Number 16, Positive Phase.
B21
VPOS
Analog Positive Power Supply.
B22
VPOS
Analog Positive Power Supply.
B23
VPOS
Analog Positive Power Supply.
C1
VPOS
Analog Positive Power Supply.
C2
VPOS
Analog Positive Power Supply.
C3
VPOS
Analog Positive Power Supply.
C4
VPOS
Analog Positive Power Supply.
C5
VNEG
Analog Negative Power Supply.
C6
VNEG
Analog Negative Power Supply.
C7
VNEG
Analog Negative Power Supply.
C8
VNEG
Analog Negative Power Supply.
C9
VNEG
Analog Negative Power Supply.
C10
VNEG
Analog Negative Power Supply.
C11
VPOS
Analog Positive Power Supply.
C12
VPOS
Analog Positive Power Supply.
C13
VPOS
Analog Positive Power Supply.
C14
VNEG
Analog Negative Power Supply.
C15
VNEG
Analog Negative Power Supply.
C16
VNEG
Analog Negative Power Supply.
C17
VNEG
Analog Negative Power Supply.
C18
VNEG
Analog Negative Power Supply.
C19
VNEG
Analog Negative Power Supply.
C20
VPOS
Analog Positive Power Supply.
C21
VPOS
Analog Positive Power Supply.
C22
VPOS
Analog Positive Power Supply.
C23
VPOS
Analog Positive Power Supply.
D1
VPOS
Analog Positive Power Supply.
D2
IP0
Input Number 0, Positive Phase.
D3
VPOS
Analog Positive Power Supply.
D4
VNEG
Analog Negative Power Supply.
D5
VOCM
Output Common-Mode Reference
Supply.
D6
VNEG
Analog Negative Power Supply.
D7
VNEG
Analog Negative Power Supply.
D8
VNEG
Analog Negative Power Supply.
D9
VNEG
Analog Negative Power Supply.
D10
VNEG
Analog Negative Power Supply.
D11
VPOS
Analog Positive Power Supply.
Ball No.
Mnemonic
Description
D12
VPOS
Analog Positive Power Supply.
D13
VPOS
Analog Positive Power Supply.
D14
VNEG
Analog Negative Power Supply.
D15
VNEG
Analog Negative Power Supply.
D16
VNEG
Analog Negative Power Supply.
D17
VNEG
Analog Negative Power Supply.
D18
VNEG
Analog Negative Power Supply.
D19
VOCM
Output Common-Mode Reference
Supply.
D20
VNEG
Analog Negative Power Supply.
D21
VPOS
Analog Positive Power Supply.
D22
VPOS
Analog Positive Power Supply.
D23
IN16
Input Number 16, Negative Phase.
E1
IP1
Input Number 1, Positive Phase.
E2
IN0
Input Number 0, Negative Phase.
E3
VNEG
Analog Negative Power Supply.
E4
VOCM
Output Common-Mode Reference
Supply.
E20
VOCM
Output Common-Mode Reference
Supply.
E21
VNEG
Analog Negative Power Supply.
E22
IN17
Input Number 17, Negative Phase.
E23
IP16
Input Number 16, Positive Phase.
F1
IN1
Input Number 1, Negative Phase.
F2
IP2
Input Number 2, Positive Phase.
F3
VNEG
Analog Negative Power Supply.
F4
VDD
Logic Positive Power Supply.
F20
VDD
Logic Positive Power Supply.
F21
VNEG
Analog Negative Power Supply.
F22
IP17
Input Number 17, Positive Phase.
F23
IN18
Input Number 18, Negative Phase.
G1
IP3
Input Number 3, Positive Phase.
G2
IN2
Input Number 2, Negative Phase.
G3
VNEG
Analog Negative Power Supply.
G4
DGND
Logic Negative Power Supply.
G20
DGND
Logic Negative Power Supply.
G21
VNEG
Analog Negative Power Supply.
G22
IN19
Input Number 19, Negative Phase.
G23
IP18
Input Number 18, Positive Phase.
H1
IN3
Input Number 3, Negative Phase.
H2
IP4
Input Number 4, Positive Phase.
H3
VNEG
Analog Negative Power Supply.
H4
DATA OUT
Control Pin: Serial Data Out.
H20
RESET
Control Pin: Second Rank Data Reset.
H21
VNEG
Analog Negative Power Supply.
H22
IP19
Input Number 19, Positive Phase.
H23
IN20
Input Number 20, Negative Phase.
J1
IP5
Input Number 5, Positive Phase.
J2
IN4
Input Number 4, Negative Phase.
J3
VNEG
Analog Negative Power Supply.
J4
CLK
Control Pin: Serial Data Clock.
J20
UPDATE
Control Pin: Second Rank Write Strobe.


Similar Part No. - AD8117_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
Buffered Analog Crosspoint Switch
More results

Similar Description - AD8117_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
National Semiconductor ...
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Fairchild Semiconductor
FSA2866 FAIRCHILD-FSA2866 Datasheet
617Kb / 3P
Dual-Host / Dual-SIM Card Crosspoint Analog Switch
logo
Analog Devices
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
Analog Crosspoint Switch
REV. 0
AD8118 AD-AD8118_15 Datasheet
1,022Kb / 36P
Analog Crosspoint Switch
REV. A
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
Buffered Analog Crosspoint Switch
logo
ON Semiconductor
FSA2866 ONSEMI-FSA2866 Datasheet
709Kb / 11P
Dual-Host / Dual-SIM Card Crosspoint Analog Switch
May 2011 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com