Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2-2625-5 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA2-2625-5
Description  100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-2625-5 Datasheet(HTML) 4 Page - Intersil Corporation

  HA2-2625-5 Datasheet HTML 1Page - Intersil Corporation HA2-2625-5 Datasheet HTML 2Page - Intersil Corporation HA2-2625-5 Datasheet HTML 3Page - Intersil Corporation HA2-2625-5 Datasheet HTML 4Page - Intersil Corporation HA2-2625-5 Datasheet HTML 5Page - Intersil Corporation HA2-2625-5 Datasheet HTML 6Page - Intersil Corporation HA2-2625-5 Datasheet HTML 7Page - Intersil Corporation HA2-2625-5 Datasheet HTML 8Page - Intersil Corporation HA2-2625-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Schematic Diagram
BAL
R1
1K
R2
4.18K
R3
1.56K
R4
1.56K
Q1
Q3
Q4
Q5
Q6
Q7
Q11
+INPUT
Q8
Q13
Q16
Q30
Q29
Q31
Q28
Q26
Q25
Q9
Q10
Q17
Q18
Q27
Q12
Q15
Q2
Q40
Q38
Q37
Q24
Q19
R7
1.35
R19
2.5K
RP1
BAL
C2
9pF
R5
600
R6
15
V+
Q41
Q42
Q60
Q61
Q59
Q58
Q57
Q55
Q54
Q43
Q44
Q45
Q46
Q47
COMPENSATION
OUT
R18
30
R17
30
Q52
Q51
R11
4.0K
Q49
Q50
C1
16pF
R12
1.6K
R13
1.6K
R14
1.6K
Q22
Q23
R9
4.5K
R10
2.0K
Q21
Q48
R15
800
Q36
Q35
Q32
Q33
Q56
Q53
R16
15
V-
Q20
R8
1K
-INPUT
Q39
Typical Applications
FIGURE 1. HIGH INPUT IMPEDANCE COMPARATOR
FIGURE 2. FUNCTION GENERATOR
50pF (NOTE)
+
VREF
4.25V
1N916
1N916
-15V
VIN
VOUT
+5.0V, 0V
+15V
2.2k
HA-2620
-
2
3
7
8
4
6
50pF
+
OUTPUT
COMP
+
~OUTPUT
R2
R1
10k
Ω 100kΩ
2.2k
2.2k
f =
1
4 (R1 + R2) C
HA-2620
HA-2600
C
0.01
µF
-
-
(NOTE)
HA-2620, HA-2625


Similar Part No. - HA2-2625-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2-2625-5 HARRIS-HA2-2625-5 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
More results

Similar Description - HA2-2625-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
logo
Renesas Technology Corp
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
logo
Intersil Corporation
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
   Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com