Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2-2625-5 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA2-2625-5
Description  100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-2625-5 Datasheet(HTML) 3 Page - Intersil Corporation

  HA2-2625-5 Datasheet HTML 1Page - Intersil Corporation HA2-2625-5 Datasheet HTML 2Page - Intersil Corporation HA2-2625-5 Datasheet HTML 3Page - Intersil Corporation HA2-2625-5 Datasheet HTML 4Page - Intersil Corporation HA2-2625-5 Datasheet HTML 5Page - Intersil Corporation HA2-2625-5 Datasheet HTML 6Page - Intersil Corporation HA2-2625-5 Datasheet HTML 7Page - Intersil Corporation HA2-2625-5 Datasheet HTML 8Page - Intersil Corporation HA2-2625-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
POWER SUPPLY CHARACTERISTICS
Supply Current
25
-
3
3.7
-
3
4
mA
Power Supply Rejection Ratio
(Note 11)
Full
80
90
-
74
90
-
dB
NOTES:
2. This parameter value guaranteed by design calculations.
3. Offset may be externally adjusted to zero.
4. RL = 2kΩ.
5. VOUT = ±10V.
6. VCM = ±10V.
7. VOUT < 90mV.
8. 40dB Gain.
9. See Transient Response Test Circuits and Waveforms.
10. AV = 5 (The HA-2620 family is not stable at unity gain without external compensation).
11.
∆VS = ±5V.
12. VOUT = ±5V.
13. Full Power Bandwidth guaranteed by slew rate measurement:
.
Electrical Specifications
VSUPPLY = ±15V, Unless Otherwise Specified (Continued)
PARAMETER
TEMP.
(oC)
HA-2620-2
HA-2625-5, -9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
FPBW
Slew Rate
2
πV
PEAK
-----------------------------
=
Test Circuits and Waveforms
NOTE: Measured on both positive and negative transitions from 0V
to +200mV and 0V to -200mV at output.
TRANSIENT RESPONSE
SLEW RATE
NOTE: Tested Offset Adjustment is |VOS + 1mV| minimum referred to
output. Typical range is
±10mV with RT = 100kΩ.
SLEW RATE AND TRANSIENT RESPONSE
SUGGESTED VOS ADJUSTMENT AND
COMPENSATION HOOK-UP
±40mV
INPUT
0V
±200mV
90%
OUTPUT
10%
0V
RISE TIME
INPUT
1V
-1V
+5V
90%
OUTPUT
10%
-5V
SLEW RATE
=
∆V/∆t
∆t
∆V
IN
1.6k
400
OUT
50pF
+
-
V+
OUT
V-
BAL
100k
IN
COMP
CC
HA-2620, HA-2625


Similar Part No. - HA2-2625-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2-2625-5 HARRIS-HA2-2625-5 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
More results

Similar Description - HA2-2625-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
logo
Renesas Technology Corp
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
logo
Intersil Corporation
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
   Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com