Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569 Datasheet(PDF) 121 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 121 Page - Analog Devices

Back Button ADE7569_15 Datasheet HTML 117Page - Analog Devices ADE7569_15 Datasheet HTML 118Page - Analog Devices ADE7569_15 Datasheet HTML 119Page - Analog Devices ADE7569_15 Datasheet HTML 120Page - Analog Devices ADE7569_15 Datasheet HTML 121Page - Analog Devices ADE7569_15 Datasheet HTML 122Page - Analog Devices ADE7569_15 Datasheet HTML 123Page - Analog Devices ADE7569_15 Datasheet HTML 124Page - Analog Devices ADE7569_15 Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 121 of 152
REAL-TIME CLOCK (RTC)
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 have an embedded real-time clock (RTC) as shown in
Figure 103. The external 32.768 kHz crystal is used as the clock
source for the RTC. Calibration is provided to compensate the
nominal crystal frequency and for variations in the external
crystal frequency over temperature. By default, the RTC is
maintained active in all power saving modes. The RTC counters
retain their values through watchdog resets and external resets.
They are only reset during a power-on reset.
8-BIT
PRESCALER
SECOND COUNTER
SEC
MINUTE COUNTER
MIN
HOUR COUNTER
HOUR
ITEN
ALARM
EVENT
8-BIT
INTERVAL COUNTER
INTVAL SFR
INTERVAL
TIMEBASE
SELECTION
MUX
RTCEN
32.768kHz
CRYSTAL
ITS1
ITS0
EQUAL?
CALIBRATION
RTCCOMP
TEMPCAL
MIDNIGHT EVENT
CALIBRATED
32.768kHz
HUNDREDTHS COUNTER
HTHSEC
Figure 103. RTC Implementation
RTC SFRS
Note that none of the real-time clock SFRs are bit addressable.
Table 127. Real-Time Clock SFR
SFR
Address
Description
TIMECON
0xA1
RTC Configuration (see Table 128).
HTHSEC
0xA2
Hundredths of a Second Counter
(see Table 129).
SEC
0xA3
Seconds Counter (see Table 130).
MIN
0xA4
Minutes Counter (see Table 131).
HOUR
0xA5
Hours Counter (see Table 132).
INTVAL
0xA6
Alarm Interval (see Table 133).
RTCCOMP
0xF6
RTC Nominal Compensation (see
Table 134).
TEMPCAL
0xF7
RTC Temperature Compensation (see
Table 135).
Protecting the RTC from Runaway Code
To protect the RTC from runaway code, a key must be written
to the KYREG SFR (Address, 0xC1) to obtain write access to the
interrupt pins configuration SFR (INTPR, Address 0xFF),
hundredths of a second counter SFR (HTHSEC, Address 0xA2),
seconds counter SFR (SEC, 0xA3), minutes counter SFR (MIN,
Address 0xA4), and hours counter SFR (HOUR, Address 0xA5).
KYREG should be set to 0xEA to unlock it and reset it to zero
after a timekeeping register is written to. The RTC registers can
be written using the following 8052 assembly code:
MOV
KYREG,#0EAh
MOV
INTPR,#080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com