Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG799G Datasheet(PDF) 12 Page - Analog Devices

Part # ADG799G
Description  Compatible, Wide Bandwidth
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799G Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG799G_15 Datasheet HTML 8Page - Analog Devices ADG799G_15 Datasheet HTML 9Page - Analog Devices ADG799G_15 Datasheet HTML 10Page - Analog Devices ADG799G_15 Datasheet HTML 11Page - Analog Devices ADG799G_15 Datasheet HTML 12Page - Analog Devices ADG799G_15 Datasheet HTML 13Page - Analog Devices ADG799G_15 Datasheet HTML 14Page - Analog Devices ADG799G_15 Datasheet HTML 15Page - Analog Devices ADG799G_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 12 of 24
0
–4.0
03.5
SOURCE VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
TA = 25°C
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
VDD = 3V
VDD = 5V
Figure 11. Charge Injection vs. Source Voltage
225
215
205
195
185
175
165
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
tON (3V)
tON (5V)
tOFF (3V)
tOFF (5V)
Figure 12. tON/tOFF vs. Temperature
0
–120
0.01
1000
FREQUENCY (MHz)
–20
–40
–60
–80
–100
0.1
1
10
100
TA = 25°C
VDD = 3V/5V
Figure 13. Off Isolation vs. Frequency
0
–120
0.01
1000
FREQUENCY (MHz)
–20
–40
–60
–80
–100
0.1
1
10
100
TA = 25°C
VDD = 3V/5V
SAME
CROSS POINT
SWITCH
DIFFERENT
CROSS POINT
SWITCH
Figure 14. Crosstalk vs. Frequency
0
–20
0.1
1000
FREQUENCY (MHz)
1
10
100
–18
–16
–14
–12
–10
–8
–6
–4
–2
TA = 25°C
VDD = 5V
Figure 15. Bandwidth
0
–100
0.0001
1000
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
0.001
0.01
0.1
1
10
100
TA = 25°C
1 CHANNEL
VDD = 3V/5V
NO DECOUPLING CAPACITORS USED
Figure 16. PSRR vs. Frequency


Similar Part No. - ADG799G_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG799GBCPZ-500RL7 AD-ADG799GBCPZ-500RL7 Datasheet
573Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
ADG799GBCPZ-REEL AD-ADG799GBCPZ-REEL Datasheet
573Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
ADG799GCCPZ-500RL7 AD-ADG799GCCPZ-500RL7 Datasheet
573Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
ADG799GCCPZ-REEL AD-ADG799GCCPZ-REEL Datasheet
573Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
More results

Similar Description - ADG799G_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG793G AD-ADG793G Datasheet
541Kb / 24P
I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG795A AD-ADG795A Datasheet
543Kb / 24P
I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG799A AD-ADG799A Datasheet
573Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
Wide Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com