Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856704-EVB Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856704-EVB
Description  836.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856704-EVB Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856704-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856704-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
856704
836.5 MHz SAW Filter
Data Sheet: Rev E 3/01/12
- 6 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Product Compliance Information
ESD Information
ESD Rating: 1A
Value:
Passes
400 V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: B
Value:
Passes
250 V min.
Test:
Machine Model (MM)
Standard:
JEDEC Standard JESD22-A115
Solderability
Compatible with the latest version of J-STD-020, lead
free solder, 260°C
Refer to Soldering Profile for recommended guidelines.
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
Devices are Hermetic, therefore MSL is not applicable
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
TriQuint:
Web:
www.triquint.com
Tel:
+1.407.886.8860
Email: info-sales@tqs.com
Fax:
+1.407.886.7061
For technical questions and application information:
Email: flapplication.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information contain
herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained herein. TriQuint
assumes no responsibility or liability whatsoever for the use of the information contained herein. The information contained
herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with
the user. All information contained herein is subject to change without notice. Customers should obtain and verify the latest
relevant information before placing orders for TriQuint products.
The information contained herein or any use of such
information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property
rights, whether with regard to such information itself or anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.
Caution! ESD-Sensitive Device


Similar Part No. - 856704-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856700 TRIQUINT-856700_15 Datasheet
416Kb / 5P
   1227.6 MHz SAW Filter
856705 TRIQUINT-856705 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
856705-EVB TRIQUINT-856705-EVB Datasheet
327Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
More results

Similar Description - 856704-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
   836.5 MHz SAW Filter
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
   SAW Filter 836.5 MHz
logo
Murata Manufacturing Co...
SF1182B MURATA-SF1182B Datasheet
120Kb / 3P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
   SAW Filter 836.5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com