Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4357 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4357
Description  Positive High Voltage Ideal Diode Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4357 Datasheet HTML 4Page - Linear Technology LTC4357 Datasheet HTML 5Page - Linear Technology LTC4357 Datasheet HTML 6Page - Linear Technology LTC4357 Datasheet HTML 7Page - Linear Technology LTC4357 Datasheet HTML 8Page - Linear Technology LTC4357 Datasheet HTML 9Page - Linear Technology LTC4357 Datasheet HTML 10Page - Linear Technology LTC4357 Datasheet HTML 11Page - Linear Technology LTC4357 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LTC4357

4357fd
Design Example
The following design example demonstrates the calcula-
tions involved for selecting components in a 12V system
with 10A maximum load current (see Figure 4).
First,calculatetheRDS(ON)oftheMOSFETtoachievethede-
sired forward drop at full load. Assuming VDROP = 0.1V,
RDS(ON)
VDROP
ILOAD
=
0.1V
10A
RDS(ON) ≤10mΩ
The Si4874DY offers a good solution, in an S8 package
with RDS(ON) = 10mΩ(max) and BVDSS of 30V.
The maximum power dissipation in the MOSFET is:
P = ILOAD2 • RDS(ON) = (10A)2 • 10mΩ = 1W
With less than 39µF of local bypass, the recommended RC
values of 100
Ω and 0.1µF were used in Figure 4.
Since BVDSS + VIN is much less than 100V, output clamp-
ing is unnecessary.
Figure 3. Protecting Against Collapse of VDD During Reverse Recovery
applications inForMation
Figure 2. Reverse Recovery Produces Inductive Spikes at the IN and OUT Pin.
The Polarity of Step Recovery Spikes is Shown Across Parasitic Inductances
4357 F02
LTC4357
+
GND
IN
OUT
VDD
GATE
M1
REVERSE RECOVERY CURRENT
VIN
INPUT
SHORT
DIN
SBR1U-
150SA
INPUT PARASITIC
INDUCTANCE
COUT
10µF
VOUT
CLOAD
DCLAMP
SMAT70A
OR
+
OUTPUT PARASITIC
INDUCTANCE
4357 F03
LTC4357
GND
IN
OUT
VDD
GATE
M1
OUTPUT PARASITIC
INDUCTANCE
VIN
R1
100
C1
100nF
INPUT
SHORT
COUT
VOUT
CLOAD
OR
Figure 4. 12V, 10A Diode-OR
4357 F04
LTC4357
GND
IN
OUT
VDD
GATE
M2
Si4874DY
VIN2
12V
R1
100
C1
0.1µF
R1
100
C1
0.1µF
LTC4357
GND
IN
OUT
VDD
GATE
M1
Si4874DY
VIN1
12V
VOUT
TO LOAD


Similar Part No. - LTC4357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4357 LINER-LTC4357 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4357 LINER-LTC4357 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4357 AD-LTC4357 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
More results

Similar Description - LTC4357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
   Positive High Voltage Ideal Diode Controller
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Linear Technology
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
   PoE Ideal Diode Bridge Controller
LTC4355 LINER-LTC4355_15 Datasheet
234Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com