Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130191-0085 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130191-0085
Description  Replacement Housing for 300 310
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130191-0085 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130191-0085 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130191-0085
Status:
Active
Overview:
Lighting Accessories
Description:
Replacement Housing for 300 310
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Portable Lighting
Series
130191
NEMA Configuration
N/A
Outlet
N/A
Overview
Lighting Accessories
Product Literature Order No
987650-8055
Product Name
Woodhead®
Type
Accessory
UPC
78678861996
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
46.48mm (1.830")
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
101.60mm (4.000")
Length
140.97mm (5.550")
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
Assembled
Electrical
Bulb Type
N/A
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
On/Off Switch
N/A
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
306
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130191Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130191-0085

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130191-0021 MOLEX11-130191-0021 Datasheet
37Kb / 1P
   Lamp Bulb 13 Watt Fluorescent
130191-0024 MOLEX11-130191-0024 Datasheet
31Kb / 1P
   Lamp Bulb 15 Watt Fluorescent
130191-0027 MOLEX11-130191-0027 Datasheet
31Kb / 1P
   Lamp Bulb 32Watt Coated
130191-0031 MOLEX11-130191-0031 Datasheet
31Kb / 1P
   Lamp Bulb 75 Watt 12V
130191-0045 MOLEX11-130191-0045 Datasheet
31Kb / 1P
   Lamp Bulb 26 Watt Fluorescent
More results

Similar Description - 130191-0085

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
logo
TE Connectivity Ltd
C-680516 TEC-C-680516 Datasheet
1Mb / 3P
   FOR REPLACEMENT PARTS FOR APPLICATOR
logo
Marl International Limi...
240 MARL-240 Datasheet
202Kb / 4P
   Direct replacement for BA15d
216 MARL-216 Datasheet
220Kb / 4P
   Direct replacement for BA22
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   Direct replacement for BA15s
231 MARL-231 Datasheet
283Kb / 5P
   Direct replacement for BA15s
logo
List of Unclassifed Man...
516-51 ETC2-516-51 Datasheet
73Kb / 2P
   LED Replacement for SloanLED
logo
Crystek Corporation
CMD4A CRYSTEKCRYSTAL-CMD4A Datasheet
56Kb / 1P
   Replacement for Plastic SMD Crystal
logo
Marl International Limi...
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
logo
Molex Electronics Ltd.
130112-0026 MOLEX11-130112-0026 Datasheet
31Kb / 1P
   Replacement Socket for 1070-HZ
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com