Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7602GUL Datasheet(PDF) 3 Page - Rohm

Part # BD7602GUL
Description  Low current consumption
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7602GUL Datasheet(HTML) 3 Page - Rohm

  BD7602GUL Datasheet HTML 1Page - Rohm BD7602GUL Datasheet HTML 2Page - Rohm BD7602GUL Datasheet HTML 3Page - Rohm BD7602GUL Datasheet HTML 4Page - Rohm BD7602GUL Datasheet HTML 5Page - Rohm BD7602GUL Datasheet HTML 6Page - Rohm BD7602GUL Datasheet HTML 7Page - Rohm BD7602GUL Datasheet HTML 8Page - Rohm BD7602GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/22
TSZ02011-0Q4Q0AB00010-1-2
25.Feb.2014 Rev.001
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.co.jp
TSZ22111
・15・001
BD7602GUL
Block Explanation
The output voltage for LDO1 is 3V (Typ) with an output current capability of 100mA (Max). UVLO Function is released when
the IC starts by turning the power ON (VBAT).
LDO1 turns OFF when UVLO function is enabled.
I2C controller can also be used to turn off the IC. When LDO1 turns off, VOUT1 automatically connects with 100Ω
discharge resistance.
VOUT1 needs 4.7uF external capacitor.
LDO2 has an adjustable output voltage from 2.8V to 3.3V.The initial value is 3V (Typ) with an output current capability of
150mA (Max). UVLO Function is released when the IC starts by turning the power ON (VBAT).
LDO2 turns OFF when UVLO function is enabled.
I2C Controller is used to adjust output voltage from 2.8V to 3.3V (8steps). It is also used to turn off the IC.
When LDO2 turns off, VOUT2 automatically connects with 100Ω discharge resistance.
VOUT2 needs 4.7uF external capacitor.
GPO is a logic output pin from register and could be used as enable or disable signal. The register can also set its output to
CMOS type or NMOS type with an output current capability of 3mA.
Initial condition of GPO is disabled or in HI-Z state.
Maximum pull up voltage during NMOS output is equal to VBAT
I2C SLAVE REGISTER is the function for I2C serial interface. Input voltage level is DVDD.
Voltage Detect for VBAT UVLO is 2.7V (Typ). When UVLO is detected, registers are reset.
Also at this time VREF, LDO1 and LDO2 outputs turn off.
VREF is equal to 2.5V (Typ). It powers the internal circuit and cannot be used externally. UVLO Function is released when
the IC starts by turning power ON (VBAT). When UVLO function is detected, IC turns off.
REFC needs 0.1uF external capacitor.
DPREF is reference voltage for LDO VREF and Voltage Detect.
TSD is for thermal shut down function. This prevents damaging and breaking of IC. When
IC„s internal temperature rise up
to a certain temperature, LDO1 and LDO2 are automatically turned off. When temperature goes down, LDO1 and LDO2
automatically return to its normal operation.
In this case, register
doesn‟t need to be reset.


Similar Part No. - BD7602GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7620KS2 ROHM-BD7620KS2 Datasheet
505Kb / 6P
Video-Audio Interface for LCD TV
BD7628F ROHM-BD7628F Datasheet
126Kb / 5P
Silicon Monolithic Integrated Circuit
BD7628FVM ROHM-BD7628FVM Datasheet
120Kb / 5P
Silicon Monolithic Integrated Circuit
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7672BG-TR ROHM-BD7672BG-TR Datasheet
956Kb / 21P
PWM Control Type DC/DC Converter IC for AC/DC Driver
More results

Similar Description - BD7602GUL

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com