Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2480 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2480
Description  DIRECT QUADRATURE MODULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2480 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2480_12 Datasheet HTML 1Page - RF Micro Devices RF2480_12 Datasheet HTML 2Page - RF Micro Devices RF2480_12 Datasheet HTML 3Page - RF Micro Devices RF2480_12 Datasheet HTML 4Page - RF Micro Devices RF2480_12 Datasheet HTML 5Page - RF Micro Devices RF2480_12 Datasheet HTML 6Page - RF Micro Devices RF2480_12 Datasheet HTML 7Page - RF Micro Devices RF2480_12 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RF2480
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
15
Q SIG
Baseband input to the Q mixer. This pin is DC-coupled. Maximum output
power is obtained when the input signal has a peak to peak amplitude of
2V; for highly linear operation, the input signal (and output power) must be
reduced appropriately. The recommended DC level for this pin is 3.0V. The
peak minimum voltage on this pin (V
REF - peak modulation amplitude)
should never drop below 2.0V. The peak maximum voltage on this pin
(V
REF + peak modulation amplitude) should never exceed 4.0 V. See pin 1
for more details.
16
I SIG
Baseband input to the I mixer. This pin is DC-coupled. Maximum output
power is obtained when the input signal has a peak to peak amplitude of
2V; for highly linear operation, the input signal (and output power) must be
reduced appropriately. The recommended DC level for this pin is 3.0V. The
peak minimum voltage on this pin (V
REF - peak modulation amplitude)
should never drop below 2.0V. The peak maximum voltage on this pin
(V
REF + peak modulation amplitude) should never exceed 4.0 V. See pin 1
for more details.
425
425
100
100
Q REF
Q SIG
425
425
100
100
I REF
I SIG
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity - 0.005 with
respect to datum "A".
0.050
0.018
0.014
0.157
0.150
0.393
0.386
0.244
0.229
8° MAX
0° MIN
0.034
0.016
0.009
0.007
0.068
0.053
0.008
0.004
-A-


Similar Part No. - RF2480_12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2480_12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com