Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2484 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2484
Description  DIRECT QUADRATURE MODULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2484_12 Datasheet HTML 3Page - RF Micro Devices RF2484_12 Datasheet HTML 4Page - RF Micro Devices RF2484_12 Datasheet HTML 5Page - RF Micro Devices RF2484_12 Datasheet HTML 6Page - RF Micro Devices RF2484_12 Datasheet HTML 7Page - RF Micro Devices RF2484_12 Datasheet HTML 8Page - RF Micro Devices RF2484_12 Datasheet HTML 9Page - RF Micro Devices RF2484_12 Datasheet HTML 10Page - RF Micro Devices RF2484_12 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RF2484
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CDMA/W-CDMA Test Setup
General
The above setup was used to evaluate the RF2484 under CDMA and W-CDMA modulation conditions. An AMIQ was required to
provide the appropriate DC reference voltage (4.1V) for the I and Q pins. I and Q were driven single-endedly; differential drive
may improve performance. A PC-controlled Rohde & Schwarz AMIQ generated the CDMA I and Q signals. In order to reduce
AMIQ noise contributions to adjacent channel power, W-CDMA baseband signals were filtered using a high order low pass filter
before application to the RF2484.
EVM, Phase Error, and Rho
To measure EVM, phase error, and Rho, signals were generated using the AMIQ and decoded with the Agilent VSA. For CDMA
Cellular and PCS, I and Q input signals were generated with the Pilot Channel active, 32x oversampling and base station equi-
filters. For W-CDMA, the Common Pilot Channel was active with 8x oversampling and a root cosine filter. In all cases, relative
signal amplitude levels were adjusted to optimize signal quality.
CDMA Modulation Setup (Cellular and PCS)
To measure ACPR, I and Q input signals were generated using the following settings:
Pilot Channel active
Sync Channel active
Paging Channel active
6 Traffic Channels active
32x Oversampling
• Base Station equifilter
W-CDMA Modulation Setup
To measure W-CDMA ACPR, I and Q input signals were generated using the following settings in the AMIQ:
P-CPICH (Common Pilot Channel) active
P-SCH (Sync Channel) active
P-CCPCH (Primary Common Control Physical Channel) active
P-ICH (Page Indicator Channel) Active
DL-DPCCH (Dedicated Physical Control Channel) active
6 DPCH (Dedicated Physical Channels) active
•8x Oversampling
Rohde & Schwarz
AMIQ 1110.2003.02
RF2484
Evaluation Board
Rohde & Schwarz
FSIQ 1119.6001.26
Hewlett-Packard
8665B
I SIG
RF OUT
LO IN
I REF
Q SIG
Q REF
Agilent 66332A
VCC
VPD
Agilent 89441
Vector Signal Analyzer


Similar Part No. - RF2484_12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
   DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2484_12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com