Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFMD0014 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFMD0014
Description  DIRECT QUADRATURE MODULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD0014 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFMD0014 Datasheet HTML 2Page - RF Micro Devices RFMD0014 Datasheet HTML 3Page - RF Micro Devices RFMD0014 Datasheet HTML 4Page - RF Micro Devices RFMD0014 Datasheet HTML 5Page - RF Micro Devices RFMD0014 Datasheet HTML 6Page - RF Micro Devices RFMD0014 Datasheet HTML 7Page - RF Micro Devices RFMD0014 Datasheet HTML 8Page - RF Micro Devices RFMD0014 Datasheet HTML 9Page - RF Micro Devices RFMD0014 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RFMD0014
DS100819
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
Note: Evaluation board configured for single-ended LO drive using LOP connector. Terminate the LON pin to ground near the
package.


Similar Part No. - RFMD0014

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2014PCK-410 RFMD-RFMD2014PCK-410 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2014SQ RFMD-RFMD2014SQ Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2014SR RFMD-RFMD2014SR Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2014TR13 RFMD-RFMD2014TR13 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
More results

Similar Description - RFMD0014

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com