Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCK Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCK
Description  Designed for surface mounting on high density circuit board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCK Datasheet(HTML) 2 Page - jb Capacitors Company

  JCK Datasheet HTML 1Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
SMD Aluminum Electrolytic Capacitor – JCK
Frequency coefficient of allowable ripple current
Frequency
50Hz
120Hz
300Hz
1kHz
10kHz~
Coefficient
Φ
4~Φ8x6.2
0.1~68uF
0.70
1.00
1.17
1.36
1.50
100~470uF
0.85
1.00
1.08
1.2
1.30
 STANDARD SIZE
WV/V
Cap/μF
4
6.3
10
16
25
35
50
0G
0J
1A
1C
1E
1V
1H
0.1
0R1
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
0.7
0.22
R22
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
1.6
0.33
R33
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
2.5
0.47
R47
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
3.5
1
010
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
7
2.2
2R2
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
11
3.3
3R3
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
13
4.7
4R7
--
--
--
--
--
--
--
--
--
--
--
--
5×5.4
(4×5.4)
16
(13)
10
100
--
--
--
--
--
--
4×5.4
18
5×5.4
(4×5.4)
20
(14)
5×5.4
(4×5.4)
21
(14)
6.3×5.4
24
22
220
--
--
4×5.4
22
5×5.4
(4×5.4)
25
(20)
5×5.4
(4×5.4)
27
(20)
6.3×5.4
(5×5.4)
36
(25)
6.3×5.4
38
6.3×7.7
(6.3×5.4)
(8 x 6.2)
51
(42)
(70)
33
330
5×5.4
(4×5.4)
30
(18)
5×5.4
(4×5.4)
27
(22)
5×5.4
(4×5.4)
30
(22)
6.3×5.4
(5×5.4)
40
(28)
6.3×5.4
(5×5.4)
44
(29)
6.3×5.4
(8 x 6.2)
42
(84)
6.3×7.7
60
47
470
5×5.4
(4×5.4)
36
(24)
5×5.4
(4×5.4)
33
(25)
6.3×5.4
(5×5.4)
41
(30)
6.3×5.4
(5×5.4)
48
(31)
6.3×5.4
(8 x 6.2)
48
(91)
6.3×7.7
(6.3×5.8)
70
(50)
8×10.5
(6.3×7.7)
120
(63)
100
101
6.3×5.4
(5×5.4)
60
(43)
6.3×5.4
(5×5.4)
50
(39)
6.3×5.4
(8×6.2)
53
(110)
6.3×5.4
(8 x 6.2)
60
(120)
6.3×7.7
91
8×10.5
(6.3×7.7)
120
(84)
10×10.5
(8×10.5)
170
(140)
150
151
6.3×5.4
52
6.3×5.4
55
6.3×5.4
62
6.3×7.7
95
8×10.5
(6.3×7.7)
140
(100)
8×10.5
155
10×10.5
170
220
221
6.3×5.4
57
6.3×7.7
(6.3×5.8)
105
(67)
6.3x5.8
6.3×7.7
(8×6.2)
67
105
(105)
8×10.5
(6.3×7.7)
(8 x 6.2)
150
(105)
(85)
8×10.5
175
10×10.5
(8×10.5)
220
(190)
10 x 13.5
(10×10.5)
280
(220)
330
331
6.3×7.7
100
6.3×7.7
105
8×10.5
196
8×10.5
195
10×10.5
(8×10.5)
240
(220)
10×10.5
245
16x16.5
(12.5x13.5)
(10x13.5)
600
(420)
(295)
470
471
6.3×7.7
105
8×10.5
(6.3×7.7)
210
(120)
10×10.5
(8×10.5)
260
(210)
10×10.5
(8×10.5)
295
(230)
10×10.5
280
12.5x13.5
(10x13.5)
(10×10.5)
520
(375)
(280)
16x16.5
(12.5x16)
700
(520)
680
681
8×10.5
210
8×10.5
210
10×10.5
270
10×10.5
315
10 x 13.5
400
12.5x13.5
(10x13.5)
530
(395)
16x16.5
750
1000
102
8×10.5
230
10×10.5
(8×10.5)
300
(230)
10×10.5
315
12.5x13.5
(10x13.5)
(10×10.5)
500
(390)
(340)
12.5x13.5
580
16x16.5
(12.5x16)
750
(600)
16x21.5
1000
1500
152
10×10.5
315
10 x 13.5
(10×10.5)
450
(315)
10×13.5
460
12.5x13.5
550
12.5x16
850
--
--
--
--
2200
222
10 x 13.5
(10×10.5)
440
(340)
12.5x13.5
(10x13.5)
620
(500)
12.5x13.5
680
16x16.5
(12.5x16)
950
(750)
16x16.5
16x21.5
1050
1250
16x21.5
1300
--
--
3300
333
10 x 13.5
490
12.5x16
(12.5x13.5)
700
(660)
16x16.5
1000
16x16.5
16x21.5
1000
1200
16x21.5
1400
--
--
--
--
4700
472
12.5x13.5
600
16x16.5
16x21.5
1000
1200
16x21.5
1300
16x21.5
1350
--
--
--
--
--
--
6800
682
16x16.5
(12.5x16)
950
(650)
16x21.5
1250
--
--
--
--
--
--
--
--
--
--
10000
103
16x21.5
250
--
--
--
--
--
---
--
--
--
--
--
--
WV/V
Cap/μF
63
100
1J
2A
0.1
0R1
4×5.4
0.7
--
--
0.22
R22
4×5.4
1.6
--
--
0.33
R33
4×5.4
2.5
--
--
0.47
R47
4×5.4
3.5
--
--
1
010
4×5.4
7
4×5.4
7
2.2
2R2
4×5.4
11
6.3×5.4
14
3.3
3R3
5×5.4
13
6.3×7.7
(6.3×5.4)
(8×6.2)
32
(20)
(30)
4.7
4R7
5×5.4
16
6.3×7.7
(6.3×5.4)
35
(21)
10
100
6.3×7.7
(6.3×5.4)
(8 x 6.2)
39
(24)
(25)
8×10.5
(6.3×7.7)
77
(35)
22
220
8×10.5
(6.3×7.7)
98
(49)
10×10.5
(8×10.5)
126
(84)
33
330
8×10.5
112
10×10.5
133
47
470
10×10.5
(8×10.5)
160
(119)
12.5×13.5
(10×13.5)
(10×10.5)
250
(160)
(140)
68
680
--
--
12.5×13.5
(10×13.5)
300
(180)
100
101
12.5x13.5
(10.5x13.5)
(10×10.5)
270
(210)
(196)
16x16.5
(12.5x13.5)
450
(380)
150
151
10 x 13.5
225
220
221
16x16.5
(12.5x13.5)
(10x13.5)
560
(470)
(235)
16x16.5
16x21.5
550
750
330
331
16x16.5
(12.5x16)
700
(510)
16x21.6
800
470
471
16x16.5
16x21.5
750
900
680
681
16x21.5
950
Case
size
Allowable
ripple
Please visit our website to get more update data, those data & specification are subject to change without notice.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com