Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6017-TL-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC6017-TL-E
Description  Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6017-TL-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SC6017-TL-E Datasheet HTML 1Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 2Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 3Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 4Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 5Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 6Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 7Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 8Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SA2169 / 2SC6017
No.8275-3/10
6mA
--5.0
--3.0
--4.5
--4.0
--3.5
--2.0
--2.5
--1.0
--1.5
--0.5
5.0
3.0
4.5
4.0
3.5
2.0
2.5
1.0
1.5
0.5
0
--0.5
0
--1.0
--1.5
--2.0
IC -- VCE
--2mA
--6mA
--8mA
--10mA
IB=0
IT08961
0.5
0
1.0
1.5
2.0
0
IC -- VCE
IB=0
2mA
4mA
8mA
10mA
20mA
12mA
14mA
16mA
IT08962
2SA2169
2SC6017
--18mA
--16mA
18mA
--12mA
--4mA
--14mA
--20mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Ta=75
°C
25
°C
--25
°C
1000
100
7
7
5
3
2
5
--0.01
3
25
--10
--0.1
73
25
7
3
25 7
--1.0
hFE -- IC
2SA2169
VCE= --2V
1000
100
7
7
5
3
2
5
0.01
3
25
10
0.1
73
25
7
3
25 7
1.0
IT08965
hFE -- IC
IT08966
0
0
IC -- VBE
IT08964
2SA2169
VCE= --2V
--1.0
--0.8
--0.6
--0.4
--0.2
1.0
0.8
0.6
0.4
0.2
0
0--0.2
--0.1
--0.4
--0.3
--0.6
--0.5
--0.8
--1.0
--0.7
--0.9
0.2
0.1
0.4
0.3
0.6
0.5
0.8
1.0
0.7
0.9
IC -- VBE
IT08963
2SC6017
VCE=2V
Ta=75
°C
25
°C
--25
°C
2SC6017
VCE=2V
Cob -- VCB
3
2
2
7
5
3
100
IT08968
2SC6017
f=1MHz
Cob -- VCB
5
3
2
7
5
3
100
37
--0.1
25
2
--1.0
37
52
3
7
5
--10
37
0.1
25
2
1.0
37
52
3
7
5
10
IT08967
2SA2169
f=1MHz
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V


Similar Part No. - 2SC6017-TL-E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC6017-251 ISC-2SC6017-251 Datasheet
294Kb / 2P
   Silicon NPN Power Transistor
2SC6017-252 ISC-2SC6017-252 Datasheet
287Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - 2SC6017-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1216 ONSEMI-2SB1216_13 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com