Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1201 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SB1201
Description  Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1201 Datasheet(HTML) 1 Page - ON Semiconductor

  2SB1201 Datasheet HTML 1Page - ON Semiconductor 2SB1201 Datasheet HTML 2Page - ON Semiconductor 2SB1201 Datasheet HTML 3Page - ON Semiconductor 2SB1201 Datasheet HTML 4Page - ON Semiconductor 2SB1201 Datasheet HTML 5Page - ON Semiconductor 2SB1201 Datasheet HTML 6Page - ON Semiconductor 2SB1201 Datasheet HTML 7Page - ON Semiconductor 2SB1201 Datasheet HTML 8Page - ON Semiconductor 2SB1201 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
60612 TKIM TB-00000906, TA-4180/10904TN (KT)/92098HA (KT)/8259MO/4137KI/4076KI, TS No.2112-1/10
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SB1201/2SD1801
Bipolar Transistor
(–)50V, (–)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Applications
Voltage regulators, relay drivers, lamp drivers, electrical equipment
Features
Adoption of FBET, MBIT processes
Large current capacitance and wide ASO
Low collector-to-emitter saturation voltage
Fast switching speed
Small and slim package making it easy to make 2SB1201/2SD1801-used sets smaller
Specifications ( ): 2SB1201
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)60
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)2
A
Collector Current (Pulse)
ICP
(--)4
A
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN2112C
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP-FA
2SB1201S-E
2SB1201T-E
2SD1801S-E
2SD1801T-E
2SB1201S-TL-E
2SB1201T-TL-E
2SD1801S-TL-E
2SD1801T-TL-E
B1201
D1801
LOT No.
RANK
LOT No.
RANK
2,4
3
1
2SD1801
2,4
3
1
2SB1201


Similar Part No. - 2SB1201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1201 SANYO-2SB1201 Datasheet
123Kb / 4P
   High-Current Switching Applications
logo
Guangdong Kexin Industr...
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
   High-Current Switching Applications
logo
Inchange Semiconductor ...
2SB1201 ISC-2SB1201 Datasheet
359Kb / 2P
   isc Silicon PNP Power Transistor
2SB1201 ISC-2SB1201 Datasheet
327Kb / 2P
   isc Silicon PNP Power Transistor
2SB1201-251 ISC-2SB1201-251 Datasheet
359Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - 2SB1201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SC6099-TL-E ONSEMI-2SC6099-TL-E Datasheet
402Kb / 9P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com