Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1201 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SB1201
Description  Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1201 Datasheet(HTML) 4 Page - ON Semiconductor

  2SB1201 Datasheet HTML 1Page - ON Semiconductor 2SB1201 Datasheet HTML 2Page - ON Semiconductor 2SB1201 Datasheet HTML 3Page - ON Semiconductor 2SB1201 Datasheet HTML 4Page - ON Semiconductor 2SB1201 Datasheet HTML 5Page - ON Semiconductor 2SB1201 Datasheet HTML 6Page - ON Semiconductor 2SB1201 Datasheet HTML 7Page - ON Semiconductor 2SB1201 Datasheet HTML 8Page - ON Semiconductor 2SB1201 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SB1201 / 2SD1801
No.2112-4/10
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
23
--100
--10
23
5
23
5
7
7 --1000
1000
10
7
5
2
3
100
7
5
2
3
ITR09152
2SB1201
VCB=10V
23
100
10
23
5
23
5
7
7 1000
1000
10
7
5
2
3
100
7
5
2
3
ITR09153
2SD1801
VCB=10V
5
7
7
3
2
5
3
--1.0
--10
57
7
7
--0.01
23
23
5
23
5
--0.1
--1.0
ITR09158
2SB1201
IC / IB=20
25
°C
75
°C
Ta= --25°C
5
7
7
3
2
5
3
1.0
10
57
7
7
0.01
23
23
5
23
5
0.1
1.0
25
°C
75
°C
Ta= --25°C
ITR09159
2SD1801
IC / IB=20
--1.0
--10
7
3
5
7
5
100
10
2
2
27
35
--100
27
35
ITR09154
2
5
7
7
3
2
5
3
--1000
--10
--100
23
57
7
7
5
--0.01
23
5
3
--0.1
2
--1.0
ITR09156
2SB1201
IC / IB=20
25
°C
Ta=75
°C
--25
°C
2
5
7
7
3
2
5
3
1000
10
100
23
57
7
7
5
0.01
23
5
3
0.1
2
1.0
ITR09157
2SD1801
IC / IB=20
25
°C
Ta=75°
C
--25°
C
2SB1201
f=1MHz
1.0
10
7
3
5
7
5
100
10
2
27
35
100
27
35
ITR09155
2SD1801
f=1MHz


Similar Part No. - 2SB1201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1201 SANYO-2SB1201 Datasheet
123Kb / 4P
High-Current Switching Applications
logo
Guangdong Kexin Industr...
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Inchange Semiconductor ...
2SB1201 ISC-2SB1201 Datasheet
359Kb / 2P
isc Silicon PNP Power Transistor
2SB1201 ISC-2SB1201 Datasheet
327Kb / 2P
isc Silicon PNP Power Transistor
2SB1201-251 ISC-2SB1201-251 Datasheet
359Kb / 2P
isc Silicon PNP Power Transistor
More results

Similar Description - 2SB1201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6099-TL-E ONSEMI-2SC6099-TL-E Datasheet
402Kb / 9P
Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com