Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1202 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SB1202
Description  Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1202 Datasheet(HTML) 2 Page - ON Semiconductor

  2SB1202 Datasheet HTML 1Page - ON Semiconductor 2SB1202 Datasheet HTML 2Page - ON Semiconductor 2SB1202 Datasheet HTML 3Page - ON Semiconductor 2SB1202 Datasheet HTML 4Page - ON Semiconductor 2SB1202 Datasheet HTML 5Page - ON Semiconductor 2SB1202 Datasheet HTML 6Page - ON Semiconductor 2SB1202 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SB1202/2SD1802
No.2113-2/7
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
1W
Tc=25°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE1VCE=(--)2V, IC=(--)100mA
100*
560*
hFE2VCE=(--)2V, IC=(--)3A
35
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
150
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(39)25
pF
Collector to Emitter Saturation Voltage
VCE(sat)
IC=(--)2A, IB=(--)100mA
(--0.35)0.19
(--0.7)0.5
mV
Base to Emitter Saturation Voltage
VBE(sat)
VCE=(--)2V, IC=(--)100mA
(--)0.94
(--)1.2
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)60
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
70
ns
Storage Time
tstg
(450)650
ns
Fall Time
tf
35
ns
* : The 2SB1202/2SD1802 are classified by 100mA hFE as follows :
Rank
R
S
T
U
hFE
100 to 200
140 to 280
200 to 400
280 to 560
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SB1202S-E
TP
500pcs./bag
Pb Free
2SB1202T-E
TP
500pcs./bag
2SD1802S-E
TP
500pcs./bag
2SD1802T-E
TP
500pcs./bag
2SB1202S-TL-E
TP-FA
700pcs./reel
2SB1202T-TL-E
TP-FA
700pcs./reel
2SD1802S-TL-E
TP-FA
700pcs./reel
2SD1802T-TL-E
TP-FA
700pcs./reel
VR
RB
VCC=25V
VBE= --5V
+
+
50Ω
INPUT
RL
25Ω
OUTPUT
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
IC=10IB1= --10IB2=1A
For PNP, the polarity is reversed.


Similar Part No. - 2SB1202

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1202 SANYO-2SB1202 Datasheet
128Kb / 4P
   High-Current Switching Applications
logo
Unisonic Technologies
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
logo
Jiangsu Changjiang Elec...
2SB1202 JIANGSU-2SB1202 Datasheet
432Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SB1202 KEXIN-2SB1202 Datasheet
858Kb / 3P
   PNP Transistors
More results

Similar Description - 2SB1202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com