Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1204 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SB1204
Description  Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1204 Datasheet(HTML) 2 Page - ON Semiconductor

  2SB1204 Datasheet HTML 1Page - ON Semiconductor 2SB1204 Datasheet HTML 2Page - ON Semiconductor 2SB1204 Datasheet HTML 3Page - ON Semiconductor 2SB1204 Datasheet HTML 4Page - ON Semiconductor 2SB1204 Datasheet HTML 5Page - ON Semiconductor 2SB1204 Datasheet HTML 6Page - ON Semiconductor 2SB1204 Datasheet HTML 7Page - ON Semiconductor 2SB1204 Datasheet HTML 8Page - ON Semiconductor 2SB1204 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SB1204
No.2086-2/9
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= --40V, IE=0A
--1
μA
Emitter Cutoff Current
IEBO
VEB= --4V, IC=0A
--1
μA
DC Current Gain
hFE1VCE= --2V, IC= --0.5A
70*
400*
hFE2VCE= --2V, IC= --6A
35
Gain-Bandwidth Product
fT
VCE= --5V, IC= --1A
130
MHz
Output Capacitance
Cob
VCB= --10V, f=1MHz
95
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC= --4A, IB= --0.2A
--250
--500
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= --4A, IB= --0.2A
--0.95
--1.3
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= --10μA, IE=0A
--60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= --1mA, RBE=∞
--50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE= --10μA, IC=0A
--6
V
Turn-On Time
ton
See specified Test Circuit
50
ns
Storage Time
tstg
450
ns
Fall Time
tf
20
ns
* : The 2SB1204 are classified by 0.5A hFE as follows :
Rank
Q
R
S
T
hFE
70 to 140
100 to 200
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SB1204S-E
TP
500pcs./bag
Pb Free
2SB1204T-E
TP
500pcs./bag
2SB1204S-TL-E
TP-FA
700pcs./reel
2SB1204T-TL-E
TP-FA
700pcs./reel
D.C. 1%
VR
RB
VCC= --25V
VBE=5V
+
+
50
INPUT
RL
OUTPUT
100 F
470 F
PW=20 s
IB1
IB2
IC= --10IB1=10IB2= --4A


Similar Part No. - 2SB1204

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1204 SANYO-2SB1204 Datasheet
132Kb / 4P
High-Current Switching Applications
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
2SB1204 SANYO-2SB1204 Datasheet
93Kb / 5P
High-Current Switching Applications
logo
Foshan Blue Rocket Elec...
2SB1204 FOSHAN-2SB1204 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-252 Plastic Package.
logo
Inchange Semiconductor ...
2SB1204 ISC-2SB1204 Datasheet
324Kb / 3P
Silicon PNP Power Transistor
More results

Similar Description - 2SB1204

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com