Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2321 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX2321
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2321 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX2321 Datasheet HTML 8Page - Maxim Integrated Products MAX2321 Datasheet HTML 9Page - Maxim Integrated Products MAX2321 Datasheet HTML 10Page - Maxim Integrated Products MAX2321 Datasheet HTML 11Page - Maxim Integrated Products MAX2321 Datasheet HTML 12Page - Maxim Integrated Products MAX2321 Datasheet HTML 13Page - Maxim Integrated Products MAX2321 Datasheet HTML 14Page - Maxim Integrated Products MAX2321 Datasheet HTML 15Page - Maxim Integrated Products MAX2321 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
12
______________________________________________________________________________________
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
PCS-BAND HGHL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
PCS-BAND HGLL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO
-25
-20
-10
-15
-5
0
CELLULAR-BAND LO BUFFER
OUTPUT LEVEL vs. INPUT LEVEL
LO INPUT LEVEL (dBm)
-20
0
-10
10
TA = -45
°C TO +85°C HIGH SIDE
AND LOW SIDE LO
Typical Operating Characteristics (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
-70
-50
-60
-30
-40
-10
-20
0
-20
-10
0
10
CELLULAR-BAND 2ND AND 3RD
HARMONICS vs. LO INPUT POWER
LO INPUT LEVEL (dB)
2ND HARMONIC
3RD HARMONIC
fLO = 1091MHz
-25
-20
-10
-15
-5
0
PCS-BAND LO BUFFER
OUTPUT LEVEL vs. INPUT LEVEL
LO INPUT LEVEL (dBm)
-20
0
-10
10
TA = -45
°C TO +85°C
HIGH SIDE AND LOW
SIDE LO
-70
-50
-60
-30
-40
-10
-20
0
-20
-10
0
10
PCS-BAND 2ND AND 3RD HARMONICS
LO BUFFER OUTPUT vs. INPUT LEVEL
LO INPUT LEVEL (dB)
2ND HARMONIC
3RD HARMONIC
fLO = 1750MHz
-75
-69
-71
-73
-67
-65
-63
-61
-59
-57
-55
80
90
100
110
120
PCS-BAND MIXER
2 x 2 SPURIOUS REJECTION
IF OUTPUT FREQUENCY (MHz)
HGLL, WITHOUT LO DOUBLER
HGHL, WITHOUT LO DOUBLER


Similar Part No. - MAX2321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232 Datasheet
669Kb / 17P
DUAL EIA-232 DRIVERS/RECEIVERS
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX2321

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
S-Band High Linearity LNA
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
High Linearity Dual-Band UMTS LNA
V3.0, August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com