Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2321 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX2321
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2321 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX2321 Datasheet HTML 11Page - Maxim Integrated Products MAX2321 Datasheet HTML 12Page - Maxim Integrated Products MAX2321 Datasheet HTML 13Page - Maxim Integrated Products MAX2321 Datasheet HTML 14Page - Maxim Integrated Products MAX2321 Datasheet HTML 15Page - Maxim Integrated Products MAX2321 Datasheet HTML 16Page - Maxim Integrated Products MAX2321 Datasheet HTML 17Page - Maxim Integrated Products MAX2321 Datasheet HTML 18Page - Maxim Integrated Products MAX2321 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
15
Detailed Description
Low-Noise Amplifier
Within its operating bands, each device in the
MAX2320 family (except the MAX2327) has three
modes of LNA operation: high gain, high linearity
(HGHL); high gain, low linearity (HGLL); and low gain,
high linearity (LGHL). The logic inputs control the LNA
mode as described in the AC Electrical Characteristics.
Use HGHL mode when extra-high LNA linearity is
required for cross-modulation suppression. Use HGLL
mode when the transmitter is off and cross-modulation
is not a concern. When the LNA changes modes, the
input VSWR change is minimal. Use LGHL mode for
receiving large signals and when high sensitivity is not
required. The MAX2327 LNA has only an HGLL mode.
Adjust the HGHL mode LNA linearity by changing
RRLNA, and adjust linearity of the other modes by
changing RRBIAS.
Downconverter
The downconverters in these devices are double-bal-
anced mixers. The PCS-band mixer and digital cellular-
band mixer share the same IF output ports. The cellular
band FM mixer has its own IF output to feed a different
filter. Adjust the downconverter linearity and current by
changing RRBIAS (see Typical Operating Character-
istics). When the linearity requirement is high, the mode
control inputs increase the current in the downconvert-
er. When the linearity requirement is not high, the cur-
rent is lower.
LO Output Buffers
The BUFFEN logic input turns the open-collector LO
output buffers on and off. This feature saves current if
the buffers are not required.
Operational Modes
Each device has logic input pins that control the differ-
ent operational modes listed in Tables 1–5.
MAX2320/MAX2321/MAX2326 Operation
The MAX2320/MAX2321/MAX2326 are dual-band, triple-
mode receivers that amplify and downconvert cellular-
and PCS-band signals. They consist of cellular and PCS
LNAs; cellular digital, cellular FM, and PCS digital mix-
ers; and cellular and PCS LO buffers. The MAX2321 has
an LO frequency doubler on-chip, so a single cellular-
band VCO can be used for both the cellular- and PCS-
band mixers. Selecting the PCS path activates the LO
frequency doubler. The MAX2326 has an LO divide-by-
two circuit, so a single PCS-band VCO can be used for
both the cellular and PCS mixers. Selecting the cellular
path activates the LO divide-by-two circuit. Three logic
input pins—BAND, GAIN, and LIN—control eight opera-
tional modes of the LNAs and mixers. The modes are
summarized in Table 1.
Table 1. MAX2320/MAX2321/MAX2326 Operational Modes
Note: L = Logic Low; H = Logic High
BAND
Shutdown. The entire part is shut down except for the LO buffer, which is con-
trolled by BUFFEN.
L
DESCRIPTION
GAIN
L
LIN
L
Low-Gain, High-Linearity (LGHL) PCS Mode. The PCS LNA and mixer are in
LGHL mode.
L
L
H
High-Gain, Low-Linearity (HGLL) PCS Mode. The LNA and mixer are in HGLL
mode.
L
H
L
High-Gain, High-Linearity (HGHL) PCS Mode. The LNA and mixer are in
HGHL mode.
L
H
H
High-Gain, Low-Linearity (HGLL) Cellular FM Mode. The cellular LNA is in
HGLL mode. The FM mixer and associated LO buffer are selected.
H
L
L
Low-Gain, High-Linearity (LGHL) Cellular Digital Mode. The cellular LNA and
mixer are in LGHL mode.
H
L
H
High-Gain, Low-Linearity (HGLL) Cellular Digital Mode. The cellular LNA and
mixer are in HGLL mode.
H
H
L
High-Gain, High-Linearity (HGHL ) Cellular Digital Mode. The cellular LNA
and mixer are in HGHL mode.
H
H
H


Similar Part No. - MAX2321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Similar Description - MAX2321

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com