Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2321 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX2321
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2321 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX2321 Datasheet HTML 13Page - Maxim Integrated Products MAX2321 Datasheet HTML 14Page - Maxim Integrated Products MAX2321 Datasheet HTML 15Page - Maxim Integrated Products MAX2321 Datasheet HTML 16Page - Maxim Integrated Products MAX2321 Datasheet HTML 17Page - Maxim Integrated Products MAX2321 Datasheet HTML 18Page - Maxim Integrated Products MAX2321 Datasheet HTML 19Page - Maxim Integrated Products MAX2321 Datasheet HTML 20Page - Maxim Integrated Products MAX2321 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
17
Layout Considerations
Keep RF signal lines as short as possible to minimize
losses and radiation. Use high-Q components for the LNA
input matching circuit to achieve the lowest possible
noise figure. At the digital mixer outputs, keep the differ-
ential signal lines together and of equal length to ensure
signal balance. For best gain and noise performance, sol-
der the slug evenly to the board ground plane.
Table 5. Typical Cascaded Performance of Cellular-Band Receiver with 3dB Interstage
Filter Loss
Table 6. Typical Cascaded Performance of PCS-Band Receiver with 3dB Interstage
Filter Loss
PARAMETER
Conversion Power Gain
Noise Figure
Third-Order Input Intercept
HIGH GAIN,
HIGH LINEARITY
25.4dB
2.1dB
-8.9dBm
HIGH GAIN,
LOW LINEARITY
24.5dB
2.3dB
-10.6dBm
LOW GAIN,
HIGH LINEARITY
8.9dB
11.8dB
-6.8dBm
FM
22.7dB
3.3dB
-6.8dBm
-9.3dBm
-7.6dBm
7.1dBm
Third-Order Input Intercept
3.0dB
2.6dB
12.4dB
Noise Figure
PARAMETER
22.5dB
HIGH GAIN,
LOW LINEARITY
24dB
7.5dB
Conversion Power Gain
HIGH GAIN,
HIGH LINEARITY
LOW GAIN
Table 7. Cellular LNA S Parameters in High-Gain, High-Linearity Mode
0.109
59.1
0.669
-40.8
0.496
1000
-90.6
3.3
74.9
0.104
58.3
0.674
-39.3
0.503
950
-88.5
3.5
76.6
0.099
58.8
0.677
-38.3
0.51
900
-86.1
3.7
79.4
0.096
60.1
0.683
-37.6
0.52
850
-83.7
3.88
81.9
0.0908
60
0.689
0.089
60.6
-36.6
0.696
-35.9
0.714
S22
(mag)
-34.7
0.085
S12
(mag)
60.9
S22
(phase)
S12
(phase)
0.534
800
-81.2
4.13
0.548
750
-78.4
84.4
4.39
87.9
4.63
S21
(mag)
92.1
0.579
S11
(mag)
700
-74.8
S21
(phase)
FREQUENCY
(MHz)
S11
(phase)


Similar Part No. - MAX2321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232 Datasheet
669Kb / 17P
DUAL EIA-232 DRIVERS/RECEIVERS
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX2321

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
S-Band High Linearity LNA
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
High Linearity Dual-Band UMTS LNA
V3.0, August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com