Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYS-4U4000-4F02 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SYS-4U4000-4F02
Description  3rd Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 12 Expansion Slots
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-4U4000-4F02 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SYS-4U4000-4F02_14 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-4U4000-4F02_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
SYS-4U4000-4F02
Ordering Information
Please visit Advantech eStore for order entry
http://buy.advantech.com/
System Content
Item
P/N
Chassis
ACP-4000BP-00CE
Motherboard
PCE-5127G2-00A1E
Backplanes
PCE-5B13-08A1E
Power Supply
PS8-300ATX-ZBE (ATX, PFC)
Two 85 CFM
cooling fans
Three 5.25" drive bays
(DVD ROM & disk trays
are not included)
System reset button
Alarm reset button
PS/2 keyboard
connector
USB
One 3.5"
drive bay
Power switch
Front View
523.1 [20.59]
478.6 [18.84]
98.0
[3.86]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
101.6
[4.00]
177.0 [6.97]


Similar Part No. - SYS-4U4000-4F02_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4000-4F03 ADVANTECH-SYS-4U4000-4F03_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.0 System with 13 Expansion Slots
SYS-4U4000-4F04 ADVANTECH-SYS-4U4000-4F04_14 Datasheet
1Mb / 2P
   4U Intel짰 Core??2 Quad PICMG1.0 System with 11 Expansion Slots
More results

Similar Description - SYS-4U4000-4F02_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U510-4A03 ADVANTECH-SYS-4U510-4A03 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
SYS-4U4340-4F01 ADVANTECH-SYS-4U4340-4F01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 11 Expansion Slots, Front USB3.0
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
SYS-4U4000-4A04 ADVANTECH-SYS-4U4000-4A04_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
SYS-4U4000-4F03 ADVANTECH-SYS-4U4000-4F03_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.0 System with 13 Expansion Slots
SYS-4U4340-4A01 ADVANTECH-SYS-4U4340-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots, Front USB3.0
SYS-8W6608-4F01 ADVANTECH-SYS-8W6608-4F01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Wallmount PICMG1.0 System with 7 Expansion Slots
SYS-7W7130-4A01 ADVANTECH-SYS-7W7130-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Wallmount/Desktop ATX System with 7 Expansion Slots
ARK-3500 ADVANTECH-ARK-3500_V01 Datasheet
1Mb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
16-Nov-2016
ARK-3500P-00A1E ADVANTECH-ARK-3500P-00A1E Datasheet
1,004Kb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com