Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24707A Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24707A
Description  bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24707A Datasheet(HTML) 3 Page - Texas Instruments

  BQ24707A_15 Datasheet HTML 1Page - Texas Instruments BQ24707A_15 Datasheet HTML 2Page - Texas Instruments BQ24707A_15 Datasheet HTML 3Page - Texas Instruments BQ24707A_15 Datasheet HTML 4Page - Texas Instruments BQ24707A_15 Datasheet HTML 5Page - Texas Instruments BQ24707A_15 Datasheet HTML 6Page - Texas Instruments BQ24707A_15 Datasheet HTML 7Page - Texas Instruments BQ24707A_15 Datasheet HTML 8Page - Texas Instruments BQ24707A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1
2
3
4
5
6
7
8
9
10
15
14
13
12
11
20
19
18
17
16
ACN
ACP
CMPOUT
CMPIN
ACOK
IFAULT
SRN
SRP
GND
LODRV
bq24707
bq24707A
bq24707, bq24707A
www.ti.com
SLUSA78C – JULY 2010 – REVISED JULY 2015
5 Device Comparison Table
CONDITION
bq24707
bq24707A
ACOK default delay
1.3 s
1.2 ms
Suggest fully charged battery ChargeVoltage() setting
Full scale charge voltage(12.592 V for 3-S battery)
0 V
after termination
Suggest fully charged battery ChargeCurrent() setting
0 A
0 A
after termination
6 Pin Configuration and Functions
RGR Package
20-Pin VQFN
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
Adapter detection input. Program the adapter valid input threshold by connecting a resistor-divider from the adapter
ACDET
6
input to the ACDET pin to the GND pin. When the ACDET pin is above 0.6 V and VCC is above UVLO, REGN LDO is
present, ACOK comparator and IOUT are both active.
Input current-sense resistor negative input. Place an optional 0.1-µF ceramic capacitor from ACN to GND for common-
ACN
1
mode filtering. Place a 0.1-µF ceramic capacitor from ACN to ACP to provide differential-mode filtering.
AC adapter detect open-drain output. The output is pulled LOW to GND by an internal MOSFET when the voltage on
the ACDET pin is above 2.4 V, voltage on the VCC pin is above UVLO and voltage on the VCC pin is 245 mV above
ACOK
5
the voltage on the SRN pin, indicating a valid adapter is present to start charge. If any one of the above conditions
cannot meet, it is pulled HIGH to the external pullup supply rail by an external pullup resistor. Connect a 10-k
Ω pullup
resistor from the ACOK pin to the pullup supply rail.
Input current-sense resistor positive input. Place a 0.1-µF ceramic capacitor from ACP to GND for common-mode
ACP
2
filtering. Place a 0.1-µF ceramic capacitor from ACN to ACP to provide differential-mode filtering.
High-side power MOSFET driver power supply. Connect a 0.047-µF capacitor from BTST to PHASE, and a bootstrap
BTST
17
Schottky diode from REGN to BTST.
Input of independent comparator. The comparator has one 50-k
Ώ series resistor and one 2000-kΏ pulldown resistor.
Program CMPIN voltage by connecting a resistor-divider from the IOUT pin to the CMPIN pin to the GND pin for
adapter or charge current comparison or from the SRN pin to the CMPIN pin to the GND pin for battery voltage
CMPIN
4
comparison. The internal reference is 0.6 V or 2.4 V, selectable by SMBus command ChargeOption(). When CMPIN is
above the internal reference, CMPOUT goes HIGH. Place a resistor between CMPIN and CMPOUT to program
hysteresis.
Open-drain output of independent comparator. Place a 10-k
Ω pullup resistor from CMPOUT to pullup supply rail.
CMPOUT
3
Internal reference is 0.6 V or 2.4 V, selectable by SMBus command ChargeOption(). When CMPIN is above the
internal reference, CMPOUT goes HIGH. Place a resistor between CMPIN and CMPOUT to program hysteresis.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24707 bq24707A


Similar Part No. - BQ24707A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24707ARGRR TI1-BQ24707ARGRR Datasheet
1Mb / 36P
1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707ARGRR TI-BQ24707ARGRR Datasheet
1Mb / 44P
bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707ARGRT TI1-BQ24707ARGRT Datasheet
1Mb / 36P
1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707ARGRT TI-BQ24707ARGRT Datasheet
1Mb / 44P
bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
More results

Similar Description - BQ24707A_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113_10 Datasheet
587Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2010
logo
Texas Instruments
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113_13 Datasheet
766Kb / 34P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009-2013
logo
Texas Instruments
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com