Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725ARGRR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725ARGRR
Description  bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 13Page - Texas Instruments BQ24725ARGRR Datasheet HTML 14Page - Texas Instruments BQ24725ARGRR Datasheet HTML 15Page - Texas Instruments BQ24725ARGRR Datasheet HTML 16Page - Texas Instruments BQ24725ARGRR Datasheet HTML 17Page - Texas Instruments BQ24725ARGRR Datasheet HTML 18Page - Texas Instruments BQ24725ARGRR Datasheet HTML 19Page - Texas Instruments BQ24725ARGRR Datasheet HTML 20Page - Texas Instruments BQ24725ARGRR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
bq24725A
www.ti.com
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
Device Functional Modes (continued)
8.4.2 Adapter Over Voltage (ACOVP)
When the ACDET pin voltage is higher than 3.15V, it is considered as adapter over voltage. ACOK will be pulled
low, and charge will be disabled. ACFET will be turned off to disconnect the high voltage adapter to system
during ACOVP. BATFET will be turned on if turns on conditions are valid. See the System Power Selection
section for details.
When ACDET pin voltage falls below 3.15V and above 2.4V, it is considered as adapter voltage returns back to
normal voltage. ACOK will be pulled high by external pull up resistor. BATFET will be turned off and ACFET and
RBFET will be turned on to power the system from adapter. The charge can be resumed if enable charge
conditions are valid. See the Enable and Disable Charging section for details.
8.4.3 System Power Selection
The bq24725A automatically switches adapter or battery power to system. The battery is connected to system at
POR if battery exists. The battery is disconnected from system and the adapter is connected to system after
default 150ms delay (first time, the next time default is 1.3s and can be changed to 150ms) if ACOK goes HIGH.
An automatic break-before-make logic prevents shoot-through currents when the selectors switch.
The ACDRV drives a pair of common-source (CMSRC) n-channel power MOSFETs (ACFET and RBFET)
between adapter and ACP (see Figure 18 for details). The ACFET separates adapter from battery or system, and
provides a limited di/dt when plugging in adapter by controlling the ACFET turn-on time. Meanwhile it protects
adapter when system or battery is shorted. The RBFET provides negative input voltage protection and battery
discharge protection when adapter is shorted to ground, and minimizes system power dissipation with its low
RDS(on) compared to a Schottky diode.
When the adapter is not present, ACDRV is pulled to CMSRC to keep ACFET and RBFET off, disconnecting
adapter from system. BATDRV stays at VSRN + 6V to connect battery to system if all the following conditions are
valid:
VVCC > UVLO;
VSRN > UVLO;
VACN < 200mV above VSRN (ACN_SRN comparator);
Approximately 150ms (first time; the next time default is 1.3s and can be changed to 150ms) after the adapter is
detected (ACDET pin voltage between 2.4V and 3.15V), the system power source begins to switch from battery
to adapter if all the following conditions are valid:
Not in LEARN mode or in LEARN mode and VSRN is lower than battery depletion threshold;
ACOK high
The gate drive voltage on ACFET and RBFET is VCMSRC + 6V. If the ACFET/RBFET have been turned on for
20ms, and the voltage across gate and source is still less than 5.9V, ACFET and RBFET will be turned off. After
1.3s delay, it resumes turning on ACFET and RBFET. If such a failure is detected seven times within 90
seconds, ACFET/RBFET will be latched off and an adapter removal and system shut down is required to force
ACDET < 0.6V to reset the IC. After IC reset from latch off, ACFET/RBFET can be turned on again. After 90
seconds, the failure counter will be reset to zero to prevent latch off. With ACFET/RBFET off, charge is disabled.
To turn off ACFET/RBFET, one of the following conditions must be valid:
In LEARN mode and VSRN is above battery depletion threshold;
ACOK low
To limit the in-rush current on ACDRV pin, CMSRC pin and BATDRV pin, a 4k
Ω resistor is recommended on
each of the three pins.
To limit the adapter inrush current when ACFET is turned on to power system from adapter, the Cgs and Cgd
external capacitor of ACFET must be carefully selected. The larger the Cgs and Cgd capacitance, the slower turn
on of ACFET will be and less inrush current of adapter. However, if Cgs or Cgd is too large, the ACDRV-CMSRC
voltage may still go low after the 20ms turn on time window is expired. To make sure ACFET will not be turned
on when adapter is hot plugged in, the Cgs value should be 20 times or higher than Cgd. The most cost effective
way to reduce adapter in-rush current is to minimize system total capacitance.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com