Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725ARGRR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725ARGRR
Description  bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 23 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 19Page - Texas Instruments BQ24725ARGRR Datasheet HTML 20Page - Texas Instruments BQ24725ARGRR Datasheet HTML 21Page - Texas Instruments BQ24725ARGRR Datasheet HTML 22Page - Texas Instruments BQ24725ARGRR Datasheet HTML 23Page - Texas Instruments BQ24725ARGRR Datasheet HTML 24Page - Texas Instruments BQ24725ARGRR Datasheet HTML 25Page - Texas Instruments BQ24725ARGRR Datasheet HTML 26Page - Texas Instruments BQ24725ARGRR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
bq24725A
www.ti.com
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
Table 3. Charge Options Register (0x12H) (continued)
Bit
Field
Type
Reset
Description
[12:11]
BAT Depletion Comparator
R/W
This is used for LEARN function battery over discharge
Threshold Adjust
protection. During LEARN cycle, when the IC detects battery
voltage is below depletion voltage threshold, the IC turns off
BATFET and turned on ACFET to power the system from AC
adapter instead of the battery. The rising edge hysteresis is
340mV. Set ChargeVoltage() register value to 0V will disable
this function.
00: Falling Threshold = 59.19% of voltage regulation limit
(~2.486V/cell)
01: Falling Threshold = 62.65% of voltage regulation limit
(~2.631V/cell)
10: Falling Threshold = 66.55% of voltage regulation limit
(~2.795V/cell)
11: Falling Threshold = 70.97% of voltage regulation limit
(~2.981V/cell) < default at POR>
[10]
EMI Switching Frequency Adjust
R/W
0: Reduce PWM switching frequency by 18% <default at
POR>
1: Increase PWM switching frequency by 18%
[9]
EMI Switching Frequency Enable
R/W
0: Disable adjust PWM switching frequency <default at
POR>
1: Enable adjust PWM switching frequency
[8]
IFAULT_HI Comparator Threshold
R/W
Short circuit protection high side MOSFET voltage drop
Adjust
comparator threshold.
0: function is disabled
1: 750mV <default at POR>
[7]
IFAULT_LOW Comparator
R/W
Short circuit protection low side MOSFET voltage drop
Threshold Adjust
comparator threshold.
0: 135mV <default at POR>
1: 230mV
[6]
LEARN Enable
R/W
Set this bit 1 start battery learn cycle. IC turns off ACFET and
turns on BATFET to discharge battery capacity. When battery
voltage reaches threshold defined in bit [12;11], the BATFET is
turned off and ACFET is turned on to finish battery learn cycle.
After finished learn cycle, this bit is automatically reset to 0. Set
this bit 0 will stop battery learn cycle. IC turns off BATFET and
turns on ACFET.
0: Disable LEARN Cycle <default at POR>
1: Enable LEARN Cycle
[5]
IOUT Selection
R/W
0: IOUT is the 20x adapter current amplifier output <default
at POR>
1: IOUT is the 20x charge current amplifier output
[4]
AC Adapter Indication (Read Only)
R/W
0: AC adapter is not present (ACDET < 2.4V) <default at
POR>
1: AC adapter is present (ACDET > 2.4V)
[3]
Not in use
R/W
0 at POR
[2]
Not in use
R/W
0 at POR
[1]
ACOC Threshold Adjust
R/W
0: function is disabled
1: 3.33x of input current regulation limit <default at POR>
[0]
Charge Inhibit
R/W
0: Enable Charge <default at POR>
1: Inhibit Charge
8.5.3 Setting the Charge Current
To set the charge current, write a 16bit ChargeCurrent() command (0x14H or 0b00010100) using the data format
listed in Table 4. With 10m
Ω sense resistor, the bq24725A provides a charge current range of 128mA to 8.128A,
with 64mA step resolution. Sending ChargeCurrent() below 128mA or above 8.128A clears the register and
terminates charging. Upon POR, charge current is 0A. A 0.1µF capacitor between SRP and SRN for differential
mode filtering is recommended, 0.1µF capacitor between SRN and ground for common mode filtering, and an
optional 0.1µF capacitor between SRP and ground for common mode filtering. Meanwhile, the capacitance on
SRP should not be higher than 0.1µF in order to properly sense the voltage across SRP and SRN for cycle-by-
cycle under-current and over current detection.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com