Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725ARGRR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725ARGRR
Description  bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 24Page - Texas Instruments BQ24725ARGRR Datasheet HTML 25Page - Texas Instruments BQ24725ARGRR Datasheet HTML 26Page - Texas Instruments BQ24725ARGRR Datasheet HTML 27Page - Texas Instruments BQ24725ARGRR Datasheet HTML 28Page - Texas Instruments BQ24725ARGRR Datasheet HTML 29Page - Texas Instruments BQ24725ARGRR Datasheet HTML 30Page - Texas Instruments BQ24725ARGRR Datasheet HTML 31Page - Texas Instruments BQ24725ARGRR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
VCC
BATDRV
REGN
BTST
HIDRV
PHASE
LODRV
GND
SRP
SRN
Q4
Sis412DN
L1
4.7µH
SYSTEM
C10
10µF
RSR
10m?
R1
430 kW
R2
66.5 kW
C2
0.1µF
U1
bq24725A
C8
10uF
Q3
Sis412DN
Q5 (BATFET)
FDS6680A
C7
0.047µF
Adapter +
RAC 10m?
Pack +
C13
0.1µF
C6
1µF
HOST
Dig I/O
SMBus
+3.3V
C4
100 pF
R4
R5
R7
316 kW
ACN
ACP
CMSRC
ACDRV
ACDET
ILIM
SDA
SCL
ACOK
IOUT
Ci
2.2µF
Ri
2?
D2
BAT54C
R9
10
R3
10 kW
R8
100 kW
R10
4.02 kW
R11
EN
D1
BAT54
C14
0.1µF
C9
10uF
C11
10µF
Pack -
C3
0.1µF
C5
1µF
R6
C1
0.1µF
Total
Csys
220µF
C15
0.01µF
C16
0.1µF
C17
2200pF
Adapter -
ADC
U2
IMD2A
Q1 (ACFET)
FDS6680A
Q2 (RBFET)
FDS6680A
PowerPad
R12
1M
R13
3.01M
Q6
BSS138W
Reverse
Input
Protection
Dig I/O
EN
R14
10
R15
7.5 W
*
*
4.02 kW
10 kW
10 kW
4.02 kW
*
*
*
bq24725A
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
9 Application and Implementation
9.1 Application Information
The bq24725AEVM-710 evaluation module (EVM) is a complete charger module for evaluating the bq24725A.
The application curves were taken using the bq24725AEVM-710. Refer to the EVM user's guide (SLUU507) for
EVM information.
9.2 Typical Application
Fs = 750kHz, IADPT = 4.096A, ICHRG = 2.944A, ILIM = 4A, VCHRG = 12.592V, 90W adapter and 3S2P battery pack
Use 0
Ω for better current sensing accuracy, use 10Ω/7.5Ω resistor for reversely battery connection protection. See
application information about negative output voltage protection for hard shorts on battery to ground or battery
reversely connection.
The total Csys is the lump sum of system capacitance. It is not required by charger IC. Use Ri and Ci for adapter hot
plug-in voltage spike damping. See application information about input filter design.
Figure 18. Typical System Schematic with Two NMOS Selector
28
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com