Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725ARGRR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725ARGRR
Description  bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 3 Page - Texas Instruments

  BQ24725ARGRR Datasheet HTML 1Page - Texas Instruments BQ24725ARGRR Datasheet HTML 2Page - Texas Instruments BQ24725ARGRR Datasheet HTML 3Page - Texas Instruments BQ24725ARGRR Datasheet HTML 4Page - Texas Instruments BQ24725ARGRR Datasheet HTML 5Page - Texas Instruments BQ24725ARGRR Datasheet HTML 6Page - Texas Instruments BQ24725ARGRR Datasheet HTML 7Page - Texas Instruments BQ24725ARGRR Datasheet HTML 8Page - Texas Instruments BQ24725ARGRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
1
2
3
4
5
6
7
8
9
10
15
14
13
12
11
20
19
18
17
16
ACN
ACP
CMSRC
ACDRV
ACOK
BATDRV
SRN
SRP
GND
LODRV
bq24725A
bq24725A
www.ti.com
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
5 Pin Configuration and Functions
RGR Package
Top View
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
ACN
Input current sense resistor negative input. Place an optional 0.1µF ceramic capacitor from ACN to GND for common-
mode filtering. Place a 0.1µF ceramic capacitor from ACN to ACP to provide differential mode filtering.
2
ACP
Input current sense resistor positive input. Place a 0.1µF ceramic capacitor from ACP to GND for common-mode
filtering. Place a 0.1µF ceramic capacitor from ACN to ACP to provide differential-mode filtering.
3
CMSRC
ACDRV charge pump source input. Place a 4k
Ω resistor from CMSRC to the common source of ACFET (Q1) and
RBFET (Q2) limits the in-rush current on CMSRC pin.
4
ACDRV
Charge pump output to drive both adapter input n-channel MOSFET (ACFET) and reverse blocking n-channel MOSFET
(RBFET). ACDRV voltage is 6V above CMSRC when voltage on ACDET pin is between 2.4V to 3.15V, voltage on VCC
pin is above UVLO and voltage on VCC pin is 275mV above voltage on SRN pin so that ACFET and RBFET can be
turned on to power the system by AC adapter. Place a 4k
Ω resistor from ACDRV to the gate of ACFET and RBFET
limits the in-rush current on ACDRV pin.
5
ACOK
AC adapter detection open drain output. It is pulled HIGH to external pull-up supply rail by external pull-up resistor when
voltage on ACDET pin is between 2.4V and 3.15V, and voltage on VCC is above UVLO and voltage on VCC pin is
275mV above voltage on SRN pin, indicating a valid adapter is present to start charge. If any one of the above
conditions can not meet, it is pulled LOW to GND by internal MOSFET. Connect a 10k
Ω pull up resistor from ACOK to
the pull-up supply rail.
6
ACDET
Adapter detection input. Program adapter valid input threshold by connecting a resistor divider from adapter input to
ACDET pin to GND pin. When ACDET pin is above 0.6V and VCC is above UVLO, REGN LDO is present, ACOK
comparator and IOUT are both active.
7
IOUT
Buffered adapter or charge current output, selectable with SMBus command ChargeOption(). IOUT voltage is 20 times
the differential voltage across sense resistor. Place a 100pF or less ceramic decoupling capacitor from IOUT pin to
GND.
8
SDA
SMBus open-drain data I/O. Connect to SMBus data line from the host controller or smart battery. Connect a 10k
Ω pull-
up resistor according to SMBus specifications.
9
SCL
SMBus open-drain clock input. Connect to SMBus clock line from the host controller or smart battery. Connect a 10k
Ω
pull-up resistor according to SMBus specifications.
10
ILIM
Charge current limit input. Program ILIM voltage by connecting a resistor divider from system reference 3.3V rail to ILIM
pin to GND pin. The lower of ILIM voltage or DAC limit voltage sets charge current regulation limit. To disable the
control on ILIM, set ILIM above 1.6V. Once voltage on ILIM pin falls below 75mV, charge is disabled. Charge is enabled
when ILIM pin rises above 105mV.
11
BATDRV
Charge pump output to drive Battery to System n-channel MOSFET (BATFET). BATDRV voltage is 6V above SRN to
turn on BATFET to power the system from battery. BATDRV voltage is SRN voltage to turn off BATFET to power
system from AC adapter. Place a 4k
Ω resistor from BATDRV to the gate of BATFET limits the in-rush current on
BATDRV pin.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com