Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86004 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 86004
Description  Output frequency range
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

86004 Datasheet(HTML) 2 Page - Integrated Device Technology

  86004 Datasheet HTML 1Page - Integrated Device Technology 86004 Datasheet HTML 2Page - Integrated Device Technology 86004 Datasheet HTML 3Page - Integrated Device Technology 86004 Datasheet HTML 4Page - Integrated Device Technology 86004 Datasheet HTML 5Page - Integrated Device Technology 86004 Datasheet HTML 6Page - Integrated Device Technology 86004 Datasheet HTML 7Page - Integrated Device Technology 86004 Datasheet HTML 8Page - Integrated Device Technology 86004 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/
LVTTL ZERO DELAY CLOCK BUFFER
86004 DATA SHEET
2
REVISION B 7/10/15
Input
Output
F_SEL
0
Ref ÷8
1
Ref ÷16
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. CONTROL INPUT FUNCTION TABLE, PLL_SEL = 1
Input
Input/Output
Frequency Range (MHz)
F_SEL
Minimum
Maximum
0
31.25
62.5
1
15.625
31.25
TABLE 3B. CONTROL INPUT FUNCTION TABLE, PLL_SEL = 0
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
C
PD
Power Dissipation Capacitance
(per output)
V
DD
, V
DDA
, V
DDO
= 3.465V
23
pF
V
DD
, V
DDA
, V
DDO
= 2.625V
17
pF
R
OUT
Output Impedance
3.3V ± 5%
5
7
12
Ω
Number
Name
Type
Description
1, 3,
13, 15
Q1, Q0,
Q3, Q2
Output
Clock outputs. 7
Ω
typical output impedance. LVCMOS/LVTTL interface levels.
2, 7, 14
GND
Power
Power supply ground.
4
F_SEL
Input
Pulldown
Frequency range select input. See Table 3A and 3B.
LVCMOS/LVTTL interface levels.
5V
DD
Power
Core supply pin.
6
CLK
Input
Pulldown LVCMOS/LVTTL clock input.
8V
DDA
Power
Analog supply pin.
9
PLL_SEL
Input
Pullup
Selects between the PLL and reference clock as input to the dividers.
When LOW, selects the reference clock (PLL Bypass). When HIGH,
selects PLL (PLL Enabled). LVCMOS/LVTTL interface levels.
10
FB_IN
Input
Pulldown
Feedback input to phase detector for regenerating clocks with “zero delay”.
Connect to one of the outputs. LVCMOS/LVTTL interface levels.
11
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the outputs to go low. When logic LOW, the internal dividers and the
outputs are enabled. LVCMOS/LVTTL interface levels.
12, 16
V
DDO
Power
Output supply pins.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.


Similar Part No. - 86004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
86004 RENESAS-86004 Datasheet
419Kb / 14P
   15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
logo
Alpha Wire
86004 ALPHAWIRE-86004 Datasheet
410Kb / 4P
   28 (7/36) AWG Tinned Copper
logo
Renesas Technology Corp
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
   62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
logo
Molex Electronics Ltd.
86004-3078 MOLEX-86004-3078 Datasheet
165Kb / 4P
   Bezel Adapter System
86004-3079 MOLEX-86004-3079 Datasheet
165Kb / 4P
   Bezel Adapter System
More results

Similar Description - 86004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com