Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86004 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 86004
Description  Output frequency range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

86004 Datasheet(HTML) 5 Page - Integrated Device Technology

  86004 Datasheet HTML 1Page - Integrated Device Technology 86004 Datasheet HTML 2Page - Integrated Device Technology 86004 Datasheet HTML 3Page - Integrated Device Technology 86004 Datasheet HTML 4Page - Integrated Device Technology 86004 Datasheet HTML 5Page - Integrated Device Technology 86004 Datasheet HTML 6Page - Integrated Device Technology 86004 Datasheet HTML 7Page - Integrated Device Technology 86004 Datasheet HTML 8Page - Integrated Device Technology 86004 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
REVISION B 7/10/15
86004 DATA SHEET
5
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/
LVTTL ZERO DELAY CLOCK BUFFER
TABLE 5B. AC CHARACTERISTICS, V
DD
= V
DDA
= 3.3V±5%, V
DDO
= 2.5V±5%, TA = 0°C TO 70°C
TABLE 5C. AC CHARACTERISTICS, V
DD
= V
DDA
= V
DDO
= 2.5V±5%, TA = 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
F_SEL = 0
31.25
62.5
MHz
F_SEL = 1
15.625
31.25
MHz
tp
LH
Propagation Delay, Low-to-High; NOTE 1
PLL_SEL = 0V,
Bypass Mode
4.25
6.25
ns
t(Ø)
Static Phase Offset; NOTE 2, 4
PLL_SEL = 2.5V
-500
500
ps
tsk(o)
Output Skew; NOTE 3, 4
PLL_SEL = 0V
65
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 4
65
ps
t
L
PLL Lock Time
1mS
t
R
/ t
F
Output Rise/Fall Time
0.4
1
ns
odc
Output Duty Cycle
48
52
%
All parameters measured at f
MAX
unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the output at V
DDO
/2.
NOTE 2: Defined as the time difference between the input reference clock and the average feedback input signal
when the PLL is locked and the input reference frequency is stable.
NOTE 3: Defined as skew between outputs at the same supply voltages and with equal load conditions.
Measured at V
DDO
/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
F_SEL = 0
31.25
62.5
MHz
F_SEL = 1
15.625
31.25
MHz
tp
LH
Propagation Delay, Low-to-High; NOTE 1
PLL_SEL = 0V,
Bypass Mode
4.5
6.5
ns
t(Ø)
Static Phase Offset; NOTE 2, 4
PLL_SEL = 2.5V
-500
500
ps
tsk(o)
Output Skew; NOTE 3, 4
PLL_SEL = 0V
65
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 4
70
ps
t
L
PLL Lock Time
1mS
t
R
/ t
F
Output Rise/Fall Time
0.4
1
ns
odc
Output Duty Cycle
48
52
%
All parameters measured at f
MAX
unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the output at V
DDO
/2.
NOTE 2: Defined as the time difference between the input reference clock and the average feedback input signal
when the PLL is locked and the input reference frequency is stable.
NOTE 3: Defined as skew between outputs at the same supply voltages and with equal load conditions.
Measured at V
DDO
/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.


Similar Part No. - 86004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
86004 RENESAS-86004 Datasheet
419Kb / 14P
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
logo
Alpha Wire
86004 ALPHAWIRE-86004 Datasheet
410Kb / 4P
28 (7/36) AWG Tinned Copper
logo
Renesas Technology Corp
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
logo
Molex Electronics Ltd.
86004-3078 MOLEX-86004-3078 Datasheet
165Kb / 4P
Bezel Adapter System
86004-3079 MOLEX-86004-3079 Datasheet
165Kb / 4P
Bezel Adapter System
More results

Similar Description - 86004

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
Output 50廓 Wide frequency range
logo
Integrated Device Techn...
8705I IDT-8705I Datasheet
276Kb / 18P
Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
Output frequency range
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
Dual output frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com