Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87002-02 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 87002-02
Description  Output frequency range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87002-02 Datasheet(HTML) 3 Page - Integrated Device Technology

  87002-02 Datasheet HTML 1Page - Integrated Device Technology 87002-02 Datasheet HTML 2Page - Integrated Device Technology 87002-02 Datasheet HTML 3Page - Integrated Device Technology 87002-02 Datasheet HTML 4Page - Integrated Device Technology 87002-02 Datasheet HTML 5Page - Integrated Device Technology 87002-02 Datasheet HTML 6Page - Integrated Device Technology 87002-02 Datasheet HTML 7Page - Integrated Device Technology 87002-02 Datasheet HTML 8Page - Integrated Device Technology 87002-02 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1:2, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK
GENERATOR
3
Rev C 7/13/15
87002-02 DATA SHEET
Function Tables
Table 3A. PLL Enable Function Table
Inputs
Outputs
PLL_SEL = 1
PLL Enable Mode
SEL3
SEL2
SEL1
SEL0
Reference Frequency Range (MHz)
Q0, Q1
0000
125 - 250
÷1
0001
62.5 - 125
÷1
0010
31.25 - 62.5
÷1
0011
15.625 - 31.25
÷1
0100
125 - 250
÷2
0101
62.5 - 125
÷2
0110
31.25 - 62.5
÷2
0111
125 - 250
÷4
1000
62.5 - 125
÷4
1001
125 - 250
÷8
1010
62.5 - 125
x2
1011
31.25 - 62.5
x2
1100
15.625 - 31.25
x2
1101
31.25 - 62.5
x4
1110
15.625 - 31.25
x4
1111
15.625 - 31.25
x8


Similar Part No. - 87002-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
   1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
More results

Similar Description - 87002-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com