Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87002-02 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 87002-02
Description  Output frequency range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87002-02 Datasheet(HTML) 5 Page - Integrated Device Technology

  87002-02 Datasheet HTML 1Page - Integrated Device Technology 87002-02 Datasheet HTML 2Page - Integrated Device Technology 87002-02 Datasheet HTML 3Page - Integrated Device Technology 87002-02 Datasheet HTML 4Page - Integrated Device Technology 87002-02 Datasheet HTML 5Page - Integrated Device Technology 87002-02 Datasheet HTML 6Page - Integrated Device Technology 87002-02 Datasheet HTML 7Page - Integrated Device Technology 87002-02 Datasheet HTML 8Page - Integrated Device Technology 87002-02 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1:2, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK
GENERATOR
5
Rev C 7/13/15
87002-02 DATA SHEET
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = VDDA = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
Table 4B. Power Supply DC Characteristics, VDD = VDDA = VDDO = 2.5V ± 5%, TA = 0°C to 70°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDDO + 0.5V
Package Thermal Impedance,
JA
73.2
C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
3.135
3.3
3.465
V
VDDO
Output Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
100
mA
IDDA
Analog Supply Current
16
mA
IDDO
Output Supply Current
6mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
2.375
2.5
2.625
V
VDDA
Analog Supply Voltage
2.375
2.5
2.625
V
VDDO
Output Supply Voltage
2.375
2.5
2.625
V
IDD
Power Supply Current
96
mA
IDDA
Analog Supply Current
15
mA
IDDO
Output Supply Current
6mA


Similar Part No. - 87002-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
   1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
More results

Similar Description - 87002-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com