Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8714004I Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS8714004I
Description  Output frequency range
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8714004I Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS8714004I Datasheet HTML 12Page - Integrated Device Technology ICS8714004I Datasheet HTML 13Page - Integrated Device Technology ICS8714004I Datasheet HTML 14Page - Integrated Device Technology ICS8714004I Datasheet HTML 15Page - Integrated Device Technology ICS8714004I Datasheet HTML 16Page - Integrated Device Technology ICS8714004I Datasheet HTML 17Page - Integrated Device Technology ICS8714004I Datasheet HTML 18Page - Integrated Device Technology ICS8714004I Datasheet HTML 19Page - Integrated Device Technology ICS8714004I Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ICS8714004DKI REVISION A MARCH 24, 2014
16
©2014 Integrated Device Technology, Inc.
ICS8714004I Data Sheet
FemtoCLock® Zero Delay Buffer/Clock Generator for PCI Express™ and Ethernet
floating (FBO_DIV and FBI_DIV1:0). QDIV0 needs to be ÷4, which
is a default value so this pin can be left floating. QDIV1 must be HIGH
for ÷5, so this pin must be pulled high or driven high externally.
OE[1:0] = 01, so OE0 can Float and OE1 must be pulled Low.
Figure 1, Example Backplane Application
Bold lines
indicate active clock path
This example shows a case where each card may be dynamically
configured as a master or slave card, hence the need for an
ICS8714004I and ICS841402I on each card. On the master timing
card, the ICS841402I provides a 100MHz reference to the
ICS8714004I CLK, nCLK input. The M-LVDS pair on the
ICS8714004I is configured as an output (OE_MLVDS = Logic 1) and
the internal divider is set to ÷4 to generate 25MHz M-LVDS to the
backplane. The 25MHz clock is also used as a reference to the
FemtoClock PLL which multiplies to a VCO frequency of 500MHz.
Each of the four output pairs may be individually set for ÷4 or ÷5 for
125MHz or 100MHz operation respectively and in this example, one
output pair is set to 100MHz for the FPGA and another output pair is
set to 125MHz for the PCI Express serdes. For the slave card, the
M-LVDS pair is configured as an input (OE_MLVDS = LOW) and the
FemtoClock PLL multiplies this reference frequency to 500MHz VCO
frequency and the output dividers are set to provide 100MHz to the
FPGA and 125MHz to the PCI Express Serdes as shown.
SSC Synthesizer
ICS841402I
100 MHz HCSL
ICS8714004I
÷4
FemtoClock
VCO
100 MHz HCSL
125 MHz HCSL
FPGA
PCIe Serdes
25 MHz
SSC Synthesizer
ICS841402I
ICS8714004I
÷4
FemtoClock
VCO
100 MHz HCSL
125 MHz HCSL
FPGA
PCIe Serdes
25 MHz
MLVDS
Master Clock Card
Slave Clock Card
Backplane
Slave synthesizer
Off or output disabled
CLK
CLK
MLVDS
MLVDS
CLK
CLK


Similar Part No. - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
   FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results

Similar Description - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com