Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8714004I Datasheet(PDF) 19 Page - Integrated Device Technology

Part # ICS8714004I
Description  Output frequency range
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8714004I Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button ICS8714004I Datasheet HTML 15Page - Integrated Device Technology ICS8714004I Datasheet HTML 16Page - Integrated Device Technology ICS8714004I Datasheet HTML 17Page - Integrated Device Technology ICS8714004I Datasheet HTML 18Page - Integrated Device Technology ICS8714004I Datasheet HTML 19Page - Integrated Device Technology ICS8714004I Datasheet HTML 20Page - Integrated Device Technology ICS8714004I Datasheet HTML 21Page - Integrated Device Technology ICS8714004I Datasheet HTML 22Page - Integrated Device Technology ICS8714004I Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
ICS8714004DKI REVISION A MARCH 24, 2014
19
©2014 Integrated Device Technology, Inc.
ICS8714004I Data Sheet
FemtoCLock® Zero Delay Buffer/Clock Generator for PCI Express™ and Ethernet
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, HCSL and other
differential signals. Both signals must meet the VPP and VCMR input
requirements. Figures 4A to 4E show interface examples for the
CLK/nCLK input driven by the most common driver types. The input
interfaces suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example, in Figure 4A, the input termination
applies for IDT open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 4A. CLK/nCLK Input Driven by an
IDT Open Emitter LVHSTL Driver
Figure 4C. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 4E. CLK/nCLK Input Driven by a
3.3V HCSL Driver
Figure 4B. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 4D. CLK/nCLK Input Driven by a 3.3V LVDS Driver
Figure 4F. CLK/nCLK Input Driven by a
3.3V MLVDS Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
3.3V
CLK
nCLK
3.3V
3.3V
LVPECL
Differential
Input
HCSL
*R3
*R4
CLK
nCLK
3.3V
3.3V
Differential
Input
CLK
nCLK
Differential
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
Ω
R2
50
Ω
R2
50
Ω
3.3V
R1
100
Ω
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
100
Ω
R2
100
Ω
MLVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω


Similar Part No. - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results

Similar Description - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
Output 50廓 Wide frequency range
logo
Integrated Device Techn...
8705I IDT-8705I Datasheet
276Kb / 18P
Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
Output frequency range
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
Dual output frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com