Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8714004I Datasheet(PDF) 25 Page - Integrated Device Technology

Part # ICS8714004I
Description  Output frequency range
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8714004I Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button ICS8714004I Datasheet HTML 21Page - Integrated Device Technology ICS8714004I Datasheet HTML 22Page - Integrated Device Technology ICS8714004I Datasheet HTML 23Page - Integrated Device Technology ICS8714004I Datasheet HTML 24Page - Integrated Device Technology ICS8714004I Datasheet HTML 25Page - Integrated Device Technology ICS8714004I Datasheet HTML 26Page - Integrated Device Technology ICS8714004I Datasheet HTML 27Page - Integrated Device Technology ICS8714004I Datasheet HTML 28Page - Integrated Device Technology ICS8714004I Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
ICS8714004DKI REVISION A MARCH 24, 2014
25
©2014 Integrated Device Technology, Inc.
ICS8714004I Data Sheet
FemtoCLock® Zero Delay Buffer/Clock Generator for PCI Express™ and Ethernet
Figure 7. ICS8714004I Schematic Example
LVDS Driv er
Zo = 50 Ohm
Zo = 50 Ohm
R1
100
VDDA
C1
0.1uF
3.3V
C2
10uF
FB1
BLM18BB221SN1
1
2
C3
10uF
Place each 0.1uF bypass cap directly
adjacent to its corresponding VDD or
VDDA pin.
VDD
VDDA
C5
0. 1uF
C4
0. 1uF
VDD
C6
0. 1uF
Zo = 50
Zo = 50
1" t o 14 "
0" t o 18 "
R2
33
0. 5" t o 3. 5"
PCI E xpress Add-In Card
R3
33
HCS L Terminati on
Optional
C7
0. 1uF
PCI E xpress
Point-to-Point
Connecti on
R4
50
Zo = 50
Zo = 50
R5
50
R6
33
C8
0. 1uF
C9
0.1uF
Zo = 50
R7
50
C10
0.1uF
Zo = 50
R8
50
C11
0.1uF
R9
33
HCSL_Rec eiv er
+
-
HCSL_Rec eiv er
+
-
VDD
VDD
To L ogic
In put
pins
VDD
RU2
Not Ins tall
RU1
1K
RD2
1K
To L ogic
In put
pins
RD1
Not Ins tall
Logic Control Input E xamples
Set Logi c
Input to '1'
Set Logi c
Input to '0'
R11
475
R12
49.9
R13
49.9
OE0
OE_MLVDS
MR
OE1
FBI_DIV0
FBI_DIV1
PLL_SEL
PDI V0
FBO_DIV
QDIV1
QDIV0
PDI V1
QDIV3
QDIV2
CLK
nCLK
FB2
BLM18BB221SN1
1
2
To MLVDS bus
OE_MLVDS = 1
to select
MLVDS output
U1
OE_MLVDS
2
MLVDS
3
nMLVDS
4
PLL_SEL
5
FBO_DIV
6
MR
7
OE0
8
OE1
9
FBI_DIV0
12
FBI_DIV1
13
FBIN
15
nFBIN
14
QDIV0
17
QDIV1
18
QDIV2
19
QDIV3
20
IREF
21
CLK
37
nCLK
38
PDIV0
39
PDIV1
40
nFBOUT
23
FBOUT
24
nQ3
25
Q3
26
nQ2
28
Q2
29
nQ1
31
Q1
32
nQ0
33
Q0
34
VDDA
36
MLVDS
nMLVDS


Similar Part No. - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results

Similar Description - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
Output 50廓 Wide frequency range
logo
Integrated Device Techn...
8705I IDT-8705I Datasheet
276Kb / 18P
Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
Output frequency range
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
Dual output frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com