Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8714004I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8714004I
Description  Output frequency range
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8714004I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8714004I Datasheet HTML 1Page - Integrated Device Technology ICS8714004I Datasheet HTML 2Page - Integrated Device Technology ICS8714004I Datasheet HTML 3Page - Integrated Device Technology ICS8714004I Datasheet HTML 4Page - Integrated Device Technology ICS8714004I Datasheet HTML 5Page - Integrated Device Technology ICS8714004I Datasheet HTML 6Page - Integrated Device Technology ICS8714004I Datasheet HTML 7Page - Integrated Device Technology ICS8714004I Datasheet HTML 8Page - Integrated Device Technology ICS8714004I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ICS8714004DKI REVISION A MARCH 24, 2014
3
©2014 Integrated Device Technology, Inc.
ICS8714004I Data Sheet
FemtoCLock® Zero Delay Buffer/Clock Generator for PCI Express™ and Ethernet
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
Number
Name
Type
Description
1, 11, 22, 30, 35
VDD
Power
Core supply pins.
2
OE_MLVDS
Input
Pullup
Active High Output Enable. When HIGH, the M-LVDS output driver is active and
provides a buffered copy of reference clock applied the CLK, nCLK input to the
MLVDS, nMLVDS output pins. The MLVDS, nMLVDS frequency equals the CLK,
nCLK frequency divided by the PDIV Divider value (selectable ÷1, ÷4, ÷5, ÷8).
When LOW, the M-LVDS output driver is placed into a High Impedance state and
the MLVDS, nMLVDS pins can accept a differential input. LVCMOS/LVTTL
interface levels.
3
MLVDS
I/O
Non-Inverting M-LVDS input/output. The input/output state is determined by the
OE_MLVDS pin. When OE_MLVDS = HIGH, this pin is an output and drives the
non-inverting M-LVDS output. When OE_MLVDS = LOW, this pin is an input and
can accept the following differential input levels: M-LVDS, LVDS, LVPECL,
HSTL, HCSL.
4
nMLVDS
I/O
Inverting M-LVDS input/output. The input/output state is determined by the
OE_MLVDS pin. When OE_MLVDS = HIGH, this pin is an output and drives the
inverting M-LVDS output. When OE_MLVDS = LOW, this pin is an input and can
accept the following differential input levels: M-LVDS, LVDS, LVPECL, HSTL,
HCSL.
5
PLL_SEL
Input
Pullup
PLL select. Determines if the PLL is in bypass or enabled mode (default). In
enabled mode, the output frequency = VCO frequency/QDIV divider. In bypass
mode, the output frequency = reference clock frequency/ (PDIV*QDIV).
LVCMOS/LVTTL interface levels.
6
FBO_DIV
Input
Pulldown
Output Divider Control for the feedback output pair, FBOUT, nFBOUT. Refer to
Table 3D. LVCMOS/LVTTL interface levels.
7
MR
Input
Pulldown
Active High master reset. When logic HIGH, the internal dividers are reset
causing the Qx, nQx outputs to drive High Impedance. Note that assertion of MR
overrides the OE[1:0] control pins and all outputs are disabled. When logic LOW,
the internal dividers are enabled and the state of the outputs is determined by
OE[1:0]. MR must be asserted on power-up to ensure outputs phase aligned.
LVCMOS/LVTTL interface levels.
8
OE0
Input
Pullup
Output Enable. Together with OE1, determines the output state of the outputs
with the default state: all output pairs switching. Refer to Table 3B Truth table.
LVCMOS/LVTTL Interface levels.
9
OE1
Input
Pullup
Output Enable. Together with OE0, determines the output state of the outputs
with the default state: all output pairs switching. Refer to Table 3B Truth table.
LVCMOS/LVTTL Interface levels
10, 16, 27
GND
Power
Power supply ground.
12
FBI_DIV0
Input
Pullup
Feedback Input Divide Select 0. Together with FBI_DIV1, determines the
feedback input divider value. Refer to Table 3C. LVCMOS/LVTTL interface
levels.
13
FBI_DIV1
Input
Pullup
Feedback Input Divide Select 1. Together with FBI_DIV0, determines the
feedback input divider value. Refer to Table 3C. LVCMOS/LVTTL interface
levels.
14
nFBIN
Input
Pullup/
Pulldown
Inverted differential feedback input to the PLL for regenerating clocks with “Zero
Delay.”
15
FBIN
Input
Pulldown
Non-inverted differential feedback input to the PLL for regenerating clocks with
“Zero Delay.”


Similar Part No. - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results

Similar Description - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
Output 50廓 Wide frequency range
logo
Integrated Device Techn...
8705I IDT-8705I Datasheet
276Kb / 18P
Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
Output frequency range
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
Dual output frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com