Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8714004I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS8714004I
Description  Output frequency range
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8714004I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS8714004I Datasheet HTML 1Page - Integrated Device Technology ICS8714004I Datasheet HTML 2Page - Integrated Device Technology ICS8714004I Datasheet HTML 3Page - Integrated Device Technology ICS8714004I Datasheet HTML 4Page - Integrated Device Technology ICS8714004I Datasheet HTML 5Page - Integrated Device Technology ICS8714004I Datasheet HTML 6Page - Integrated Device Technology ICS8714004I Datasheet HTML 7Page - Integrated Device Technology ICS8714004I Datasheet HTML 8Page - Integrated Device Technology ICS8714004I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ICS8714004DKI REVISION A MARCH 24, 2014
4
©2014 Integrated Device Technology, Inc.
ICS8714004I Data Sheet
FemtoCLock® Zero Delay Buffer/Clock Generator for PCI Express™ and Ethernet
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
17
QDIV0
Input
Pulldown
Output Divider Control for Q0, nQ0. Refer to Table 3F. LVCMOS/LVTTL interface
levels.
18
QDIV1
Input
Pulldown
Output Divider Control for Q1, nQ1. Refer to Table 3F. LVCMOS/LVTTL interface
levels.
19
QDIV2
Input
Pulldown
Output Divider Control for Q2, nQ2. Refer to Table 3F. LVCMOS/LVTTL interface
levels.
20
QDIV3
Input
Pulldown
Output Divider Control for Q3, nQ3. Refer to Table 3F. LVCMOS/LVTTL interface
levels.
21
IREF
Input
An external fixed precision resistor from this pin to ground is needed to provide a
reference current for the differential HCSL outputs. A resistor value of 475
provides an HCSL voltage swing of approximately 700mV.
23, 24
nFBOUT,
FBOUT
Output
Differential feedback output pair. The feedback output pair always switches
independent of the output enable settings on the OE[1:0] pins.
HCSL interface levels.
25, 26
nQ3, Q3
Output
Differential output pair. HCSL interface levels.
28, 29
nQ2, Q2
Output
Differential output pair. HCSL interface levels.
31, 32
nQ1, Q1
Output
Differential output pair. HCSL interface levels.
33, 34
nQ0, Q0
Output
Differential output pair. HCSL interface levels.
36
VDDA
Power
Analog supply pin.
37
CLK
Input
Pulldown
Non-inverting differential clock input.
Accepts HCSL, LVDS, M-LVDS, HSTL, LVPECL input levels.
38
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input.
Accepts HCSL, LVDS, M-LVDS, HSTL, LVPECL input levels.
39
PDIV0
Input
Pulldown
Input Divide Select 0. Together with PDIV1 determines the input divider value.
Refer to Table 3E. LVCMOS/LVTTL Interface levels.
40
PDIV1
Input
Pulldown
Input Divide Select 1. Together with PDIV0 determines the input divider value.
Refer to Table 3E. LVCMOS/LVTTL Interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
Number
Name
Type
Description


Similar Part No. - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
   FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results

Similar Description - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com