Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8714004I Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS8714004I
Description  Output frequency range
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8714004I Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS8714004I Datasheet HTML 8Page - Integrated Device Technology ICS8714004I Datasheet HTML 9Page - Integrated Device Technology ICS8714004I Datasheet HTML 10Page - Integrated Device Technology ICS8714004I Datasheet HTML 11Page - Integrated Device Technology ICS8714004I Datasheet HTML 12Page - Integrated Device Technology ICS8714004I Datasheet HTML 13Page - Integrated Device Technology ICS8714004I Datasheet HTML 14Page - Integrated Device Technology ICS8714004I Datasheet HTML 15Page - Integrated Device Technology ICS8714004I Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ICS8714004DKI REVISION A MARCH 24, 2014
12
©2014 Integrated Device Technology, Inc.
ICS8714004I Data Sheet
FemtoCLock® Zero Delay Buffer/Clock Generator for PCI Express™ and Ethernet
Parameter Measurement Information
3.3V HCSL Output Load Test Circuit
3.3V M-LVDS Output Load Test Circuit
Output Skew
3.3V HCSL Output Load Test Circuit
Differential Input Level
Cycle-to-Cycle Jitter
Measurement
Point
Measurement
Point
GND
2pF
2pF
0V
IREF
0V
VDDA
VDD
3.3V±5%
This load condition is used for VMAX, VMIN, VRB, tSTABLE, VCROSS,
V
CROSS and Rise/Fall Edge Rate measurements.
3.3V±5%
SCOPE
Qx
nQx
3.3V±5%
POWER SUPPLY
+–
Float GND
VDDA
VDD
nQx
Qx
nQy
Qy
This load condition is used for IDD, tjit(cc), tjit(Ø) and tsk(o)
measurements.
3.3V±5%
VDDA
VDD
3.3V±5%
V
CMR
Cross Points
V
PP
VDD
GND
nCLK
CLK
Q0:Q3,
FBOUT
nQ0:Q3,
nFBOUT
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles


Similar Part No. - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results

Similar Description - ICS8714004I

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
Output 50廓 Wide frequency range
logo
Integrated Device Techn...
8705I IDT-8705I Datasheet
276Kb / 18P
Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
Output frequency range
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
logo
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
Dual output frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com