Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRM-315-LT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRM-315-LT
Description  LT SERIES TRANSCEIVER MODULE DATA GUIDE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRM-315-LT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRM-315-LT Datasheet HTML 1Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 2Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 3Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 4Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 5Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 6Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 7Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 8Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Page 4
Page 5
TYPICAL PERFORMANCE GRAPHS
0
2
4
6
8
10
12
14
16
10
8
6
4
2
0
-2
-4
-6
-8
-10
-12
-14
Output Power (dBm)
1. 200mV/div
2. 2.00V/div
50.0nS/div
1
2
DATA
Carrier
Figure 12: TX Modulation Delay
Figure
4:
Output
Power
vs
Current
Consumption
NO RFIN
RFIN <-35dBm
1. 100mV/div
500µS/div
0
1
2
3
4
5
6
7
8
9
10
12.00
9.00
6.00
3.00
0.00
-3.00
-6.00
-9.00
-12.00
-15.00
-18.00
-21.00
Output Power (dBm)
Figure 3: Output Power vs. LADJ Resistance
Figure 11: RSSI Response Time
Figure 9: RX Turn-On Time from VCC
Figure 10: RX Turn-On Time from PDN
Figure 6: Current Consumption vs. Supply
TYPICAL PERFORMANCE GRAPHS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-115
-110
-105
-100
-95
-90
-85-80
-75
-70
-65
-60
-55
-50
-45
-40
-35-30
RF IN (dBm)
Figure 5: RSSI Curve
1. 1.00V/div
2. 2.00V/div
500µS/div
1
2
PDN
DATA
1. 1.00V/div
2. 2.00V/div
2.00mS/div
1
2
DATA
VCC
1. 1.00V/div
2. 2.00V/div
200µS/div
1
2
Carrier
T/R SEL
Figure 7: RX to TX Change Time
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
3.60
3.50
3.40
3.30
3.20
3.10
3.00
2.90
2.80
2.70
2.60
2.50
2.40
2.30
2.20
2.10
Supply Voltage (V) [LADJ = 0]
TX Icc
RX Icc
1. 1.00V/div
2. 2.00V/div
1.00mS/div
1
2
DATA
T/R SEL
Figure 8: TX to RX Change Time


Similar Part No. - TRM-315-LT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRM-315-LT ETC2-TRM-315-LT Datasheet
823Kb / 13P
   LT SERIES TRANSCEIVER MODULE DATA
logo
Linx Technologies
TRM-315-LT LINX-TRM-315-LT Datasheet
1Mb / 19P
   LT Series Transceiver Module
2015
More results

Similar Description - TRM-315-LT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRM-315-LT ETC2-TRM-315-LT Datasheet
823Kb / 13P
   LT SERIES TRANSCEIVER MODULE DATA
logo
Linx Technologies
TRM-315-LT LINX-TRM-315-LT Datasheet
1Mb / 19P
   LT Series Transceiver Module
2015
logo
List of Unclassifed Man...
TR-433-SC ETC2-TR-433-SC Datasheet
325Kb / 20P
   SC SERIES TRANSCEIVER MODULE DESIGN GUIDE
logo
Linx Technologies
TR-XXX-SC-P LINX-TR-XXX-SC-P Datasheet
325Kb / 20P
   SC SERIES TRANSCEIVER MODULE DESIGN GUIDE
2001
logo
California Eastern Labs
ZALM-301-1 CEL-ZALM-301-1 Datasheet
1Mb / 19P
   APEX LT SERIES TRANSCEIVER MODULES
logo
Linx Technologies
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
logo
List of Unclassifed Man...
RXM-900-HP3-PPO ETC2-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
   LR SERIES RECEIVER MODULE DATA GUIDE
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
RXM-900-HP3-PPO LINX-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com