Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRM-315-LT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TRM-315-LT
Description  LT SERIES TRANSCEIVER MODULE DATA GUIDE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRM-315-LT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TRM-315-LT Datasheet HTML 1Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 2Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 3Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 4Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 5Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 6Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 7Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 8Page - List of Unclassifed Manufacturers TRM-315-LT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Page 7
Page 6
MODULE DESCRIPTION
The LT Series transceiver is a low-cost, high-performance synthesized AM /
OOK transceiver, capable of transmitting and receiving serial data at up to
10,000bps over line-of-site distances of up to 3,000 feet. Its exceptional receiver
sensitivity and highly stable transmitter output result in outstanding range
performance. The transceiver is completely self-contained and does not require
any additional RF components (except an antenna). This greatly simplifies the
design process, reduces time to market, and reduces production assembly and
testing costs. The LT is housed in a compact surface-mount package that
integrates easily into existing designs and is equally friendly to prototyping and
volume production. The module’s low power consumption makes it ideal for
battery-powered products.
PIN ASSIGNMENTS
ANT
GND
NC
GND
PDN
T/R SEL
DATA
RSSI
A REF
ANALOG
LADJ
VCC
1
2
3
4
5
6
7
8
9
10
11
12
Figure 16: LT Series Transceiver Pinout (Top View)
Pin #
Name
Description
1
ANT
50-ohm RF Port
2
GND
Analog Ground
3
NC
No Connection
4
RSSI
Received Signal Strength Indicator. This line will supply an
analog voltage proportional to the received signal strength.
5
A REF
Analog RMS (Average) Voltage Reference
6
ANALOG
Recovered Analog Output
7
DATA
Digital Data Line. This line will output the received data
when in Receive Mode and is the data input when in
Transmit Mode.
8
T/R SEL
Transmit / Receive Select. Pull this line low to place the
transceiver into receive mode. Pull it high to place it into
transmit mode.
9
PDN
Power Down. Pull this line low or leave floating to place the
receiver into a low-current state. The module will not be
able to send or receive a signal in this state. Pull high to
activate the transceiver.
10
GND
Analog Ground
11
VCC
Supply Voltage
12
LADJ/VCC
Level Adjust. This line can be used to adjust the output
power level of the transmitter. Connecting to VCC will give
the highest output, while placing a resistor to VCC will
lower the output level (see Figure 3).
PIN DESCRIPTIONS
Table 2: LT Series Transceiver Pin Descriptions
1. 200mV/div
2. 2.00V/div
200µS/div
1
2
PDN
Carrier
Figure 13: TX Turn-On Time from PDN
TYPICAL PERFORMANCE GRAPHS
1. 200mV/div
2. 2.00V/div
1.00mS/div
1
2
Vcc
Carrier
Figure 14: TX Turn-On Time from VCC
1. 200mV/div
2. 2.00V/div
5.00µS/div
1
2
DATA
Carrier
Figure 15: TX Turn-Off Time


Similar Part No. - TRM-315-LT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRM-315-LT ETC2-TRM-315-LT Datasheet
823Kb / 13P
   LT SERIES TRANSCEIVER MODULE DATA
logo
Linx Technologies
TRM-315-LT LINX-TRM-315-LT Datasheet
1Mb / 19P
   LT Series Transceiver Module
2015
More results

Similar Description - TRM-315-LT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRM-315-LT ETC2-TRM-315-LT Datasheet
823Kb / 13P
   LT SERIES TRANSCEIVER MODULE DATA
logo
Linx Technologies
TRM-315-LT LINX-TRM-315-LT Datasheet
1Mb / 19P
   LT Series Transceiver Module
2015
logo
List of Unclassifed Man...
TR-433-SC ETC2-TR-433-SC Datasheet
325Kb / 20P
   SC SERIES TRANSCEIVER MODULE DESIGN GUIDE
logo
Linx Technologies
TR-XXX-SC-P LINX-TR-XXX-SC-P Datasheet
325Kb / 20P
   SC SERIES TRANSCEIVER MODULE DESIGN GUIDE
2001
logo
California Eastern Labs
ZALM-301-1 CEL-ZALM-301-1 Datasheet
1Mb / 19P
   APEX LT SERIES TRANSCEIVER MODULES
logo
Linx Technologies
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
logo
List of Unclassifed Man...
RXM-900-HP3-PPO ETC2-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
   LR SERIES RECEIVER MODULE DATA GUIDE
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
RXM-900-HP3-PPO LINX-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com