Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM385 Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 157 Page - Texas Instruments

Back Button DM385 Datasheet HTML 153Page - Texas Instruments DM385 Datasheet HTML 154Page - Texas Instruments DM385 Datasheet HTML 155Page - Texas Instruments DM385 Datasheet HTML 156Page - Texas Instruments DM385 Datasheet HTML 157Page - Texas Instruments DM385 Datasheet HTML 158Page - Texas Instruments DM385 Datasheet HTML 159Page - Texas Instruments DM385 Datasheet HTML 160Page - Texas Instruments DM385 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 7-24. Maximum SYSCLK Clock Frequencies (continued)
MAX CLOCK FREQUENCY
SYSCLK
OPP100 (MHz)
SYSCLK18
0.032768
SYSCLK19
192
SYSCLK20
192
SYSCLK21
192
SYSCLK22
RSV
SYSCLK23
RSV
7.4.8
Module Clocks
Device Modules either receive their clock directly from an external clock input, directly from a PLL, or from
a PRCM SYSCLK output. Table 7-25 lists the clock source options for each Module on this device, along
with the maximum frequency that Module can accept. To ensure proper Module functionality, the device
PLLs and dividers must be programmed not to exceed the maximum frequencies listed in this table.
Table 7-25. Maximum Module Clock Frequencies
MAX FREQUENCY
MODULE
CLOCK SOURCE(S)
OPP100 (MHz)
PLL_ARM
Cortex-A8
600
SYSCLK18
DDR0
PLL_DDR
400
DMM
PLL_DDR/2
200
EDMA
SYSCLK4
220
SERDES
EMAC Switch (GMII)
Fixed 125
PLL_VIDEO0
PLL_VIDEO0
EMAC Switch (RGMII)
Fixed 250
SERDES
SERDES
EMAC Switch (RMII and MII)
PLL_VIDEO0
Fixed 50
EMAC_RMREFCLK Pin
Face Detect
SYSCLK4
220
GPIO
SYSCLK6
110
GPIO Debounce
SYSCLK18
Fixed 0.032768
GPMC
SYSCLK6
110
HDMI
PLL_VIDEO2
186
HDMI CEC
SYSCLK10
Fixed 48
SYSCLK20
SYSCLK21
HDMI I2S
50
AUD_CLK0/1/2
AUX Clock
HDVICP2
SYSCLK3
266
HDVPSS
PLL_HDVPSS
200
PLL_VIDEO2
HDVPSS VOUT1
186
HDMI PHY
PLL_VIDEO1
HDVPSS VOUT0
165
PLL_VIDEO2
HDVPSS SD VENC
PLL_VIDEO0
Fixed 54
PLL_VIDEO0
HDVPSS HD VENC
PLL_VIDEO1
Fixed 148.5
HDMI
I2C0/1/2/3
SYSCLK10
48
ISS
PLL_ MEDIACTL
400
L3 Fast
SYSCLK4
220
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
157
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com