Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF80511EJ Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLF80511EJ
Description  Low Dropout Linear Fixed Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF80511EJ Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLF80511EJ_15 Datasheet HTML 6Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 7Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 8Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 9Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 10Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 11Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 12Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 13Page - Infineon Technologies AG TLF80511EJ_15 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TLF80511EJ
Block Description and Electrical Characteristics
Data Sheet
10
Rev. 1.0, 2014-11-17
5.2
Typical Performance Characteristics Voltage Regulator
Typical Performance Characteristics
Output Voltage
V
Q versus
Junction Temperature
T
j (TLF80511EJV50)
Dropout Voltage
V
dr versus
Junction Temperature
T
j (TLF80511EJV50)
Dropout Voltage
V
dr versus
Output Current
I
Q (TLF80511EJV50)
Maximum Output Current
I
Q versus
Input Voltage
V
I (TLF80511EJV50)
4,80
4,85
4,90
4,95
5,00
5,05
5,10
5,15
5,20
-40
0
40
80
120
160
Tj [°C]
VI = 13.5 V
IQ = 200 mA
0
50
100
150
200
250
300
350
400
-40
0
40
80
120
160
Tj [°C]
IQ = 250 mA
IQ = 100 mA
IQ = 10 mA
IQ = 250 mA
IQ = 100 mA
IQ = 10 mA
0
100
200
300
400
500
600
0
100
200
300
400
IQ [mA]
Tj = 125 °C
Tj = 25 °C
0
100
200
300
400
500
600
700
0
10203040
VI [V]
Tj = 150 °C
Tj = 25 °C
Tj = -40 °C
VQ= 4.8 V


Similar Part No. - TLF80511EJ_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
TLF80511TFV33 INFINEON-TLF80511TFV33 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
TLF80511TFV50 INFINEON-TLF80511TFV50 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
More results

Similar Description - TLF80511EJ_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754 Datasheet
406Kb / 24P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, May 2008
logo
Solid States Devices, I...
SVR005 SSDI-SVR005_15 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754_08 Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
logo
Solid States Devices, I...
SVR005 SSDI-SVR005 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com