Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/JW Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16C765/JW
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/JW Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16C765/JW Datasheet HTML 102Page - Microchip Technology PIC16C765/JW Datasheet HTML 103Page - Microchip Technology PIC16C765/JW Datasheet HTML 104Page - Microchip Technology PIC16C765/JW Datasheet HTML 105Page - Microchip Technology PIC16C765/JW Datasheet HTML 106Page - Microchip Technology PIC16C765/JW Datasheet HTML 107Page - Microchip Technology PIC16C765/JW Datasheet HTML 108Page - Microchip Technology PIC16C765/JW Datasheet HTML 109Page - Microchip Technology PIC16C765/JW Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 158 page
background image
PIC16C745/765
DS41124A-page 106
Advanced Information
© 1999 Microchip Technology Inc.
13.8
Watchdog Timer (WDT)
The watchdog timer is a free running on-chip dedicated
oscillator, which does not require any external compo-
nents. The WDT will run, even if the clock on the OSC1/
CLKIN and OSC2/CLKOUT pins of the device has
been stopped, for example, by execution of a SLEEP
instruction.
During normal operation, a WDT time-out generates a
device RESET (Watchdog Timer Reset). If the device is
in SLEEP mode, a WDT time-out causes the device to
wake-up and resume normal operation (Watchdog
Timer Wake-up).
The WDT can be permanently disabled by clearing
configuration bit WDTE (Section 13.1).
13.8.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms
(parameter #31, TWDT). The time-out periods vary with
temperature, VDD and process variations. If longer
time-out periods are desired, a prescaler with a division
ratio of up to 1:128 can be assigned to the WDT under
software control by writing to the OPTION register.
Time-out periods up to 128 TWDT can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the postscaler, if assigned to the WDT. In addition,
the SLEEP instruction prevents the WDT from generat-
ing a reset, but will allow the WDT to wake the device
from sleep mode.
The TO bit in the STATUS register will be cleared upon
a WDT time-out.
13.8.2
WDT PROGRAMMING CONSIDERATIONS
It should also be taken into account that under worst
case conditions (VDD = Min., Temperature = Max., and
max. WDT prescaler) it may take several seconds
before a WDT time-out occurs.
FIGURE 13-7: WATCHDOG TIMER BLOCK DIAGRAM
TABLE 13-8:
SUMMARY OF WATCHDOG TIMER REGISTERS
Note:
When a CLRWDT instruction is executed
and the prescaler is assigned to the WDT,
the prescaler count will be cleared, but the
prescaler assignment is not changed.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
All Other
Resets
2007h
Config. bits
—
BODEN(1)
CP1
CP0
PWRTE(1)
WDTE
PLL
FOSC0
81h,181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: Shaded cells are not used by the Watchdog Timer.
Note 1:
See Register 13-1 for operation of these bits.
From TMR0 Clock Source
(Figure 6-1)
To TMR0 MUX
(Figure 6-1)
Postscaler
WDT Timer
WDT
Enable Bit
0
1
M
U
X
PSA
8 - to - 1 MUX
PS<2:0>
0
1
MUX
PSA
WDT
Time-out
Note: PSA and PS<2:0> are bits in the OPTION register.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com