Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F870/PQ Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC16F870/PQ
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/PQ Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC16F870/PQ Datasheet HTML 148Page - Microchip Technology PIC16F870/PQ Datasheet HTML 149Page - Microchip Technology PIC16F870/PQ Datasheet HTML 150Page - Microchip Technology PIC16F870/PQ Datasheet HTML 151Page - Microchip Technology PIC16F870/PQ Datasheet HTML 152Page - Microchip Technology PIC16F870/PQ Datasheet HTML 153Page - Microchip Technology PIC16F870/PQ Datasheet HTML 154Page - Microchip Technology PIC16F870/PQ Datasheet HTML 155Page - Microchip Technology PIC16F870/PQ Datasheet HTML 156Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 153 / 156 page
background image
PIC16F870/871
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 153
PIC16F870/871 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART NO.
-X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F870, PIC16F870T ;VDD range 4.0V to 5.5V
PIC16F871, PIC16F871T ;VDD range 4.0V to 5.5V
PIC16LF870X, PIC16LF870T;VDD range 2.0V to 5.5V
PIC16LF871X, PIC16LF871T;VDD range 2.0V to 5.5V
F
= Normal VDD limits
LP
= Extended VDD limits
T
= In Tape and Reel - SOIC, SSOP, TQFP and
PLCC packages only.
Temperature Range
blank(3) =
0
°C to
70
°C
(Commercial)
I= -40
°C to +85°C
(Industrial)
Package
PQ
=
MQFP (Metric PQFP)
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny plastic dip
SS
=
SSOP
P=
PDIP
L=
PLCC
Pattern
QTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16F870-I/SP 301 = Industrial temp., PDIP
package, 20 MHz, normal VDD limits, QTP pat-
tern #301.
b)
PIC16F871-I/PT = Industrial temp., TQFP
package, 20 MHz, Extended VDD limits.
c)
PIC16F871-I/P = Industrial temp., PDIP pack-
age, 20 MHz, normal VDD limits.
d)
PIC16LF870-I/SS = Industrial temp., SSOP
package, DC - 20MHz, extended VDD limits.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 786-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com