Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C54-LPI/SS Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 119Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 120Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 121Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 122Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 123Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 124Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 125Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 126Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 123
PIC16CR57B
PIC16C5X
15.5
DC Characteristics: PIC16CR57B-04E, 10E, 20E (Extended)
DC Characteristics
All Pins Except
Power Supply Pins
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +125°C
Operating Voltage VDD range is described in Section 15.2.
Characteristic
Sym
Min
Typ(1)
Max
Units
Conditions
Input Low Voltage
I/O ports
MCLR (Schmitt Trigger)
T0CKI (Schmitt Trigger)
OSC1 (Schmitt Trigger)
OSC1
VIL
VSS
VSS
VSS
VSS
VSS
—
—
—
—
—
0.2
VDD
0.15 VDD
0.15 VDD
0.15 VDD
0.3
VDD
V
V
V
V
V
Pin at hi-impedance
RC option only(4)
XT, HS and LP options
Input High Voltage
I/O ports
MCLR (Schmitt Trigger)
T0CKI (Schmitt Trigger)
OSC1 (Schmitt Trigger)
OSC1
VIH
0.45 VDD
2.0
0.36 VDD
0.85 VDD
0.85 VDD
0.85 VDD
0.7 VDD
—
—
—
—
—
—
—
VDD
VDD
VDD
VDD
VDD
VDD
VDD
V
V
V
V
V
V
V
For all VDD(5)
4.0V < VDD
≤ 5.5V(5)
VDD > 5.5V
RC option only(4)
XT, HS and LP options
Hysteresis of Schmitt
Trigger inputs
VHYS
0.15VDD*—
—
V
Input Leakage Current(3)
I/O ports
MCLR
T0CKI
OSC1
IIL
–1.0
–5.0
–3.0
–3.0
—
—
0.5
0.5
0.5
+1.0
—
+5.0
+3.0
+3.0
µA
µA
µA
µA
µA
For VDD
≤ 5.5V
VSS
≤ VPIN ≤ VDD,
Pin at hi-impedance
VPIN = VSS + 0.25 V(2)
VPIN = VDD(2)
VSS
≤ VPIN ≤ VDD
VSS
≤ VPIN ≤ VDD,
XT, HS and LP options
Output Low Voltage
I/O ports
OSC2/CLKOUT
VOL
—
—
—
—
0.6
0.6
V
V
IOL = 8.7 mA, VDD = 4.5V
IOL = 1.6 mA, VDD = 4.5V,
RC option only
Output High Voltage(3)
I/O ports
OSC2/CLKOUT
VOH
VDD –0.7
VDD –0.7
—
—
—
—
V
V
IOH = –5.4 mA, VDD = 4.5V
IOH = –1.0 mA, VDD = 4.5V,
RC option only
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design guidance
only and is not tested.
2: The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltage.
3: Negative current is defined as coming out of the pin.
4: For the RC option, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC16C5X
be driven with external clock in RC mode.
5: The user may use the better of the two specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com