Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C54-LPI/SS Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 167Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 168Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 169Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 170Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 171Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 172Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 173Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 174Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 171
PIC16C54B/C54C/CR54B/CR54C/C55A/C56A/CR56A/C57C/CR57C/C58B/CR58B
19.0
ELECTRICAL CHARACTERISTICS -
PIC16C54B/C54C/CR54B/CR54C/C55A/C56A/CR56A/C57C/CR57C/C58B/CR
58B
Absolute Maximum Ratings†
Ambient temperature under bias............................................................................................................ –55
°C to +125°C
Storage temperature ............................................................................................................................. –65
°C to +150°C
Voltage on VDD with respect to VSS ..................................................................................................................0 to +7.5V
Voltage on MCLR with respect to VSS................................................................................................................0 to +14V
Voltage on all other pins with respect to VSS ................................................................................. –0.6V to (VDD + 0.6V)
Total power dissipation(1) .....................................................................................................................................800 mW
Max. current out of VSS pin....................................................................................................................................150 mA
Max. current into VDD pin ......................................................................................................................................100 mA
Max. current into an input pin (T0CKI only)
......................................................................................................................±500 µA
Input clamp current, IIK (VI < 0 or VI > VDD)
....................................................................................................................±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
..............................................................................................................±20 mA
Max. output current sunk by any I/O pin..................................................................................................................25 mA
Max. output current sourced by any I/O pin ............................................................................................................20 mA
Max. output current sourced by a single I/O Port A ................................................................................................50 mA
Max. output current sourced by a single I/O Port B ................................................................................................50 mA
Max. output current sunk by a single I/OPort A.......................................................................................................50 mA
Max. output current sunk by a single I/O Port B .....................................................................................................50 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
† NOTICE: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com