Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C54-LPI/SS Datasheet(PDF) 184 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 184 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 180Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 181Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 182Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 183Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 184Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 185Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 186Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 187Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 217 page
background image
PIC16C5X
DS30453B-page 184
Preliminary
© 1998 Microchip Technology Inc.
TABLE 20-1:
RC OSCILLATOR FREQUENCIES
Cext
Rext
Average
Fosc @ 5 V, 25
°C
20 pF
3.3 k
4.973 MHz
± 27%
5 k
3.82 MHz
± 21%
10 k
2.22 MHz
± 21%
100 k
262.15 kHz
± 31%
100 pF
3.3 k
1.63 MHz
± 13%
5 k
1.19 MHz
± 13%
10 k
684.64 kHz
± 18%
100 k
71.56 kHz
± 25%
300 pF
3.3 k
660 kHz
± 10%
5.0 k
484.1 kHz
± 14%
10 k
267.63 kHz
± 15%
160 k
29.44 kHz
± 19%
The frequencies are measured on DIP packages.
The percentage variation indicated here is part-to-part variation due to normal process distribution. The variation
indicated is
±3 standard deviation from average value for VDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com